Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 172 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 172 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 168Page - NXP Semiconductors CLRC663 Datasheet HTML 169Page - NXP Semiconductors CLRC663 Datasheet HTML 170Page - NXP Semiconductors CLRC663 Datasheet HTML 171Page - NXP Semiconductors CLRC663 Datasheet HTML 172Page - NXP Semiconductors CLRC663 Datasheet HTML 173Page - NXP Semiconductors CLRC663 Datasheet HTML 174Page - NXP Semiconductors CLRC663 Datasheet HTML 175Page - NXP Semiconductors CLRC663 Datasheet HTML 176Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Tab. 94. T1ReloadHi bits ...............................................76
Tab. 95. T1ReloadLo register (address 16h) .................76
Tab. 96. T1ReloadLo bits .............................................. 76
Tab. 97. T1CounterValHi register (address 17h) ........... 76
Tab. 98. T1CounterValHi bits ........................................ 76
Tab. 99. T1CounterValLo register (address 18h) .......... 76
Tab. 100. T1CounterValLo bits ........................................77
Tab. 101. T2Control register (address 19h) .................... 77
Tab. 102. T2Control bits ..................................................77
Tab. 103. T2ReloadHi register (address 1Ah) .................77
Tab. 104. T2ReloadHi bits ...............................................78
Tab. 105. T2ReloadLo register (address 1Bh) ................ 78
Tab. 106. T2ReloadLo bits .............................................. 78
Tab. 107. T2CounterValHi register (address 1Ch) .......... 78
Tab. 108. T2CounterValHi bits ........................................ 78
Tab. 109. T2CounterValLo register (address 1Dh) ..........78
Tab. 110. T2CounterValLo bits ........................................79
Tab. 111. T3Control register (address 1Eh) ....................79
Tab. 112. T3Control bits ..................................................79
Tab. 113. T3ReloadHi register (address 1Fh); ................ 79
Tab. 114. T3ReloadHi bits ...............................................80
Tab. 115. T3ReloadLo register (address 20h) .................80
Tab. 116. T3ReloadLo bits .............................................. 80
Tab. 117. T3CounterValHi register (address 21h) ........... 80
Tab. 118. T3CounterValHi bits ........................................ 80
Tab. 119. T3CounterValLo register (address 22h) .......... 80
Tab. 120. T3CounterValLo bits ........................................81
Tab. 121. T4Control register (address 23h) .................... 81
Tab. 122. T4Control bits ..................................................81
Tab. 123. T4ReloadHi register (address 24h) ................. 82
Tab. 124. T4ReloadHi bits ...............................................82
Tab. 125. T4ReloadLo register (address 25h) .................82
Tab. 126. T4ReloadLo bits .............................................. 82
Tab. 127. T4CounterValHi register (address 26h) ........... 82
Tab. 128. T4CounterValHi bits ........................................ 82
Tab. 129. T4CounterValLo register (address 27h) .......... 83
Tab. 130. T4CounterValLo bits ........................................83
Tab. 131. DrvMode register (address 28h) ......................83
Tab. 132. DrvMode bits ................................................... 83
Tab. 133. TxAmp register (address 29h) .........................83
Tab. 134. TxAmp bits ...................................................... 84
Tab. 135. TxCon register (address 2Ah) ......................... 84
Tab. 136. TxCon bits .......................................................84
Tab. 137. Txl register (address 2Bh) ...............................84
Tab. 138. Txl bits .............................................................85
Tab. 139. TXCrcPreset register (address 2Ch) ............... 85
Tab. 140. TxCrcPreset bits ..............................................85
Tab. 141. Transmitter CRC preset value configuration ....85
Tab. 142. RxCrcCon register (address 2Dh) ...................86
Tab. 143. RxCrcCon bits ................................................. 86
Tab. 144. Receiver CRC preset value configuration ....... 86
Tab. 145. TxDataNum register (address 2Eh) .................86
Tab. 146. TxDataNum bits .............................................. 87
Tab. 147. TxDataModWidth register (address 2Fh) ........ 87
Tab. 148. TxDataModWidth bits ......................................87
Tab. 149. TxSym10BurstLen register (address 30h) .......87
Tab. 150. TxSym10BurstLen bits .................................... 88
Tab. 151. TxWaitCtrl register (address 31h); reset
value: C0h .......................................................88
Tab. 152. TXWaitCtrl bits ................................................ 88
Tab. 153. TxWaitLo register (address 32h) ..................... 89
Tab. 154. TxWaitLo bits ...................................................89
Tab. 155. FrameCon register (address 33h) ................... 89
Tab. 156. FrameCon bits .................................................89
Tab. 157. RxSofD register (address 34h) ........................90
Tab. 158. RxSofD bits ..................................................... 90
Tab. 159. RxCtrl register (address 35h) ..........................90
Tab. 160. RxCtrl bits ........................................................90
Tab. 161. RxWait register (address 36h) .........................91
Tab. 162. RxWait bits ...................................................... 91
Tab. 163. RxThreshold register (address 37h) ................92
Tab. 164. RxThreshold bits ............................................. 92
Tab. 165. Rcv register (address 38h) ..............................92
Tab. 166. Rcv bits ........................................................... 92
Tab. 167. RxAna register (address 39h) ......................... 93
Tab. 168. RxAna bits .......................................................93
Tab. 169. Effect of gain and high-pass corner register
settings ............................................................ 93
Tab. 170. SerialSpeed register (address3Bh); reset
value: 7Ah ....................................................... 94
Tab. 171. SerialSpeed bits .............................................. 94
Tab. 172. RS232 speed settings .....................................94
Tab. 173. LFO_Trimm register (address 3Ch) .................95
Tab. 174. LFO_Trimm bits ...............................................95
Tab. 175. PLL_Ctrl register (address3Dh) .......................95
Tab. 176. PLL_Ctrl register bits .......................................95
Tab. 177. Setting of feedback divider PLLDiv_FB
[1:0] ................................................................. 96
Tab. 178. PLLDiv_Out register (address 3Eh) ................ 96
Tab. 179. PLLDiv_Out bits .............................................. 96
Tab. 180. Setting for the output divider ratio PLLDiv_
Out [7:0] .......................................................... 96
Tab. 181. LPCD_QMin register (address 3Fh) ................97
Tab. 182. LPCD_QMin bits ............................................. 97
Tab. 183. LPCD_QMax register (address 40h) ............... 97
Tab. 184. LPCD_QMax bits ............................................ 97
Tab. 185. LPCD_IMin register (address 41h) ..................97
Tab. 186. LPCD_IMin bits ............................................... 98
Tab. 187. LPCD_Result_I register (address 42h) ............98
Tab. 188. LPCD_Result_I bits .........................................98
Tab. 189. LPCD_Result_Q register (address 43h) ..........98
Tab. 190. LPCD_Result_Q bits ....................................... 98
Tab. 191. LPCD_Options register (address 3Ah) ............99
Tab. 192. LPCD_Options .................................................99
Tab. 193. PadEn register (address 44h) ......................... 99
Tab. 194. PadEn bits .......................................................99
Tab. 195. PadOut register (address 45h) ......................100
Tab. 196. PadOut bits ................................................... 100
Tab. 197. PadIn register (address 46h) .........................100
Tab. 198. PadIn bits ...................................................... 101
Tab. 199. SigOut register (address 47h) ....................... 101
Tab. 200. SigOut bits .....................................................101
Tab. 201. TxBitMod register (address 48h) ...................102
Tab. 202. TxBitMod bits ................................................ 102
Tab. 203. TxDataCon (address 4Ah) ............................ 102
Tab. 204. TxDataCon bits ............................................. 102
Tab. 205. TxDataMod register (address 4Bh) ............... 103
Tab. 206. TxDataMod bits ............................................. 103
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
172 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com