Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 173 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 173 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 169Page - NXP Semiconductors CLRC663 Datasheet HTML 170Page - NXP Semiconductors CLRC663 Datasheet HTML 171Page - NXP Semiconductors CLRC663 Datasheet HTML 172Page - NXP Semiconductors CLRC663 Datasheet HTML 173Page - NXP Semiconductors CLRC663 Datasheet HTML 174Page - NXP Semiconductors CLRC663 Datasheet HTML 175Page - NXP Semiconductors CLRC663 Datasheet HTML 176Page - NXP Semiconductors CLRC663 Datasheet HTML 177Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 173 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Tab. 207. TxSymFreq (address 4Ch) ............................104
Tab. 208. TxSymFreq bits ............................................. 104
Tab. 209. TxSym0_H (address 4Dh) .............................105
Tab. 210. TxSym0_H bits ..............................................105
Tab. 211. TxSym0_L (address 4Eh) ............................. 105
Tab. 212. TxSYM0_L bits ..............................................105
Tab. 213. TxSym1_H (address 4Fh) ............................. 105
Tab. 214. TxSym1_H bits ..............................................106
Tab. 215. TxSym1_L (address 50h) ..............................106
Tab. 216. TxSym1_L bits .............................................. 106
Tab. 217. TxSYM2 (address 51h) ................................. 106
Tab. 218. TxSym2 bits .................................................. 106
Tab. 219. TxSym3 (address 52h) ..................................106
Tab. 220. TxSym3 bits .................................................. 106
Tab. 221. TxSym10Len (address 53h) ..........................107
Tab. 222. TxSym10Len bits ...........................................107
Tab. 223. TxSym32Len (address 54h) ..........................107
Tab. 224. TxSym32Len bits ...........................................107
Tab. 225. TxSym10BurstCtrl register (address 55h) ..... 107
Tab. 226. TxSym10BurstCtrl bits ...................................108
Tab. 227. TxSym10Mod register (address 56h) ............ 108
Tab. 228. TxSym10Mod bits ..........................................108
Tab. 229. TxSym32Mod register (address 57h) ............ 109
Tab. 230. TxSym32Mod bits ..........................................109
Tab. 231. RxBitMod (address 58h) ............................... 109
Tab. 232. RxBitMod bits ................................................ 109
Tab. 233. RxEofSym (address 59h) .............................. 110
Tab. 234. RxEOFSym bits .............................................110
Tab. 235. RxSyncValH register (address5Ah) ............... 111
Tab. 236. RxSyncValH bits ............................................111
Tab. 237. RxSyncValL register (address 5Bh) ...............111
Tab. 238. RxSyncValL bits ............................................ 111
Tab. 239. RxSyncMode register (address 5Ch) ............ 111
Tab. 240. RxSyncMod bits ............................................ 111
Tab. 241. RxMod register (address 5Dh) ...................... 112
Tab. 242. RxMod bits .................................................... 112
Tab. 243. RxCorr register (address 5Eh) ...................... 112
Tab. 244. RxCorr bits .................................................... 112
Tab. 245. FabCali register (address 5Fh) ......................113
Tab. 246. FabCali bits ................................................... 113
Tab. 247. Version register (address 7Fh) ......................113
Tab. 248. Version bits ....................................................113
Tab. 249. Limiting values .............................................. 115
Tab. 250. Operating conditions CLRC66301,
CLRC66302 ...................................................116
Tab. 251. Operating conditions CLRC66303 .................116
Tab. 252. Thermal characteristics ................................. 117
Tab. 253. Thermal characteristics ................................. 117
Tab. 254. Characteristics ...............................................118
Tab. 255. SPI timing characteristics ..............................121
Tab. 256. I2C-bus timing in fast mode and fast mode
plus ................................................................121
Tab. 257. Marking code .................................................131
Tab. 258. Marking code: VFBGA36 .............................. 131
Tab. 259. ISO/IEC14443-A 106 / MIFARE Classic
(Protocol Number 00) ....................................137
Tab. 260. ISO/IEC14443-A 212/ MIFARE Classic
(Protocol Number 01) ....................................138
Tab. 261. ISO/IEC14443-A 424/ MIFARE Classic
(Protocol Number 02) ....................................138
Tab. 262. ISO/IEC14443-A 848/ MIFARE Classic
(Protocol Number 03) ....................................139
Tab. 263. ISO/IEC14443-B 106 Classic (Protocol
Number 04) ................................................... 140
Tab. 264. ISO/IEC14443-B 212 Classic (Protocol
Number 05) ................................................... 141
Tab. 265. ISO/IEC14443-B 424, (Protocol Number
06) ................................................................. 141
Tab. 266. ISO/IEC14443-B 848, (Protocol Number
07) ................................................................. 142
Tab. 267. JIS X 6319-4 (FeliCa) 212, (Protocol
Number 08) ................................................... 143
Tab. 268. JIS X 6319-4 (FeliCa) 424, (Protocol
Number 09) ................................................... 144
Tab. 269. ISO/IEC15693 SLI 1/4 - SSC- 26, (Protocol
Number 10) ................................................... 144
Tab. 270. ISO/IEC15693 SLI 1/4 - SSC- 53, (Protocol
Number 11) ................................................... 145
Tab. 271. SO/IEC15693 SLI 1/256 - DSC, (Protocol
Number 12) ................................................... 146
Tab. 272. EPC/UID - SSC -26, (Protocol Number 13) ... 147
Tab. 273. EPC-V2 - 2/424 (Protocol Number 14) ..........147
Tab. 274. EPC-V2 - 4/424, (Protocol Number 15) ......... 148
Tab. 275. EPC-V2 - 2/848, (Protocol Number 16) ......... 149
Tab. 276. EPC-V2 - 4/848, (Protocol Number 17) ......... 150
Tab. 277. Jewel, (Protocol Number 18) .........................150
Tab. 278. ISO/IEC14443-A 106 / MIFARE Classic ........151
Tab. 279. ISO/IEC14443-A 212/ MIFARE Classic .........152
Tab. 280. ISO/IEC14443-A 424/ MIFARE Classic .........152
Tab. 281. ISO/IEC14443-A 848/ MIFARE Classic .........153
Tab. 282. ISO/IEC14443-B 106 .....................................154
Tab. 283. ISO/IEC14443-B 212 .....................................154
Tab. 284. ISO/IEC14443-B 424 .....................................155
Tab. 285. ISO/IEC14443-B 848 .....................................155
Tab. 286. JIS X 6319-4 (FeliCa) 212 ............................ 156
Tab. 287. JIS X 6319-4 (FeliCa) 424 ............................ 156
Tab. 288. ISO/IEC15693 SLI 1/4 - SSC- 26 ..................157
Tab. 289. ISO/IEC15693 SLI 1/4 - SSC-53 ...................158
Tab. 290. ISO/IEC15693 SLI 1/256 - DSC ....................158
Tab. 291. EPC/UID - SSC -26 ...................................... 159
Tab. 292. EPC-V2 - 2/424 .............................................159
Tab. 293. EPC-V2 - 4/424 .............................................160
Tab. 294. EPC-V2 - 2/848 .............................................161
Tab. 295. EPC-V2 - 4/848 .............................................161
Tab. 296. Jewel ............................................................. 162
Tab. 297. ISO/IEC14443 - B 106 EMVCo Optimized .... 162
Tab. 298. Abbreviations .................................................164
Tab. 299. Revision history .............................................167
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
173 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com