Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 174 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 174 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 169Page - NXP Semiconductors CLRC663 Datasheet HTML 170Page - NXP Semiconductors CLRC663 Datasheet HTML 171Page - NXP Semiconductors CLRC663 Datasheet HTML 172Page - NXP Semiconductors CLRC663 Datasheet HTML 173Page - NXP Semiconductors CLRC663 Datasheet HTML 174Page - NXP Semiconductors CLRC663 Datasheet HTML 175Page - NXP Semiconductors CLRC663 Datasheet HTML 176Page - NXP Semiconductors CLRC663 Datasheet HTML 177Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 174 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Figures
Fig. 1.
Simplified block diagram of the CLRC663 .........7
Fig. 2.
Pinning configuration HVQFN32
(SOT617-1) ........................................................8
Fig. 3.
Detailed block diagram of the CLRC663 ......... 11
Fig. 4.
Read/write mode ............................................. 15
Fig. 5.
Read/write mode for ISO/IEC 14443 type A
and read/write mode for MIFARE Classic ........15
Fig. 6.
Data coding and framing according to ISO/
IEC 14443 A ................................................... 16
Fig. 7.
ISO/IEC 14443 type B communication
diagram ............................................................16
Fig. 8.
SOF and EOF according to ISO/IEC 14443
B ...................................................................... 17
Fig. 9.
FeliCa read/write communication diagram ...... 17
Fig. 10.
Data coding according to ISO/IEC 15693.
standard mode reader to label ........................ 19
Fig. 11.
Passive communication mode .........................20
Fig. 12.
Connection to host with SPI ............................22
Fig. 13.
Connection to host with SPI ............................24
Fig. 14.
Example for UART Read ................................ 26
Fig. 15.
Example diagram for a UART write .................26
Fig. 16.
I2C-bus interface .............................................27
Fig. 17.
Bit transfer on the I2C-bus ..............................27
Fig. 18.
START and STOP conditions ..........................28
Fig. 19.
Acknowledge on the I2C- bus ......................... 28
Fig. 20.
Data transfer on the I2C- bus ......................... 29
Fig. 21.
First byte following the START procedure ....... 29
Fig. 22.
Register read and write access .......................30
Fig. 23.
I2C interface enables convenient MIFARE
SAM integration ...............................................32
Fig. 24.
Boundary scan cell path structure ...................34
Fig. 25.
General dependences of modulation .............. 38
Fig. 26.
Example 1: overshoot_t1 = 2d; overhoot_t2
= 5d. ................................................................40
Fig. 27.
Example 2: overshoot_t1 = 0d; overhoot_t2
= 5d .................................................................41
Fig. 28.
Block diagram of receiver circuitry .................. 42
Fig. 29.
Block diagram of the active Antenna
concept ............................................................43
Fig. 30.
Overview SIGIN/SIGOUT Signal Routing ........44
Fig. 31.
Sector arrangement of the EEPROM .............. 46
Fig. 32.
Crystal connection ...........................................50
Fig. 33.
Internal PDown to voltage regulator logic ........53
Fig. 34.
Pin RX input voltage ..................................... 121
Fig. 35.
Timing for fast and standard mode devices
on the I2C-bus .............................................. 122
Fig. 36.
Typical application antenna circuit diagram ...123
Fig. 37.
Package outline SOT-617-1 (HVQFN32) ...... 125
Fig. 38.
VFBGA36 Package outline ............................126
Fig. 39.
VFBGA36 Package outline notes ..................127
Fig. 40.
VFBGA36 PCB design: Solder mask
opening pattern ............................................. 128
Fig. 41.
VFBGA36 PCB design: I/O pads and
solderable area ............................................. 129
Fig. 42.
VFBGA36 PCB design: Solder paste
stencil ............................................................ 130
Fig. 43.
HVQFN32 Package marking .........................131
Fig. 44.
VFBGA36 Package marking ......................... 131
Fig. 45.
Packing information 1 tray .............................133
Fig. 46.
Packing information 5 tray .............................134
Fig. 47.
Tray details ....................................................135
Fig. 48.
Packing information Reel .............................. 136
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
174 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com