Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 52 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 48Page - STMicroelectronics VNF9D5F Datasheet HTML 49Page - STMicroelectronics VNF9D5F Datasheet HTML 50Page - STMicroelectronics VNF9D5F Datasheet HTML 51Page - STMicroelectronics VNF9D5F Datasheet HTML 52Page - STMicroelectronics VNF9D5F Datasheet HTML 53Page - STMicroelectronics VNF9D5F Datasheet HTML 54Page - STMicroelectronics VNF9D5F Datasheet HTML 55Page - STMicroelectronics VNF9D5F Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 106 page
background image
5
Diagnostic
The device is capable of providing digital diagnostic information through the SPI interface.
5.1
Digital current sense diagnostic
5.1.1
ADC characteristics
Here are the “Differential Non Linearity” and “Integral Non Linearity” typical curves for the 10-bit ADC converter.
Figure 21. ADC characteristics and error definition
1023
1022
1021
1020
1019
1018
101710181019 10201021 10221023
code out
Iout(LSBideal)
1 LSB (Ideal)
1 LSB Ideal – VDO_ADC / 1024
Offset error (EO)
Offset error (EG)
Offset error (EO)
7
6
5
4
3
2
1
1
2
(2)
(3)
(4)
(5)
(1)
(1) Example of an actual transfer curve
(2)The ideal transfer curve
(3) Differential non-linearity error (DNL)
(4) Integral non-linearity error (INL)
(5) Center of a step of the actual transfer curve
3
4
5
6
7
0
5.1.2
ADC operating principle
The device provides a 10-bit Successive Approximation Register (SAR) analog to digital converter. It is used to
provide a digital information about the current sense feedback proportional to the output current and the
temperature read by the internal sensor. An integrated LP (Progressive Average) Filter can be used to filter data
coming from the ADC conversion reducing the effect of random noise coming from the analog Current Sense
amplifier.
Note:
The internal ADC is able to work in both Normal and Fail Safe conditions.
The integrated ADC control logic is designed to lead to a good 10-bit approximation of current sense/temperature
feedback.
After each conversion, an updated bit “UPDTSR” is set to advise about new conversion data. This bit is reset after
the Read process of the dedicated RAM register.
The data is maintained in the register until the next conversion results are available. The ADC register is
refreshed at the end of each conversion and maintained during the conversion of the current sample. The data is
converted on the 10-bit register, the formula is equal to: Iout_conv = data (10bit)/K.
VNF9D5F
Diagnostic
DS13946 - Rev 6
page 52/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com