Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 10Page - STMicroelectronics VNF9D5F Datasheet HTML 11Page - STMicroelectronics VNF9D5F Datasheet HTML 12Page - STMicroelectronics VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
During short circuit condition or medium/hard overload, the output voltage does not overcome current sense shut
down threshold then, the current sense is not operative, the I²t curve is not verified by the implemented algorithm
but the harness protection shall work according to the ILIM_LATCHx setting.
On top of that, the device output current is clamped to the current limitation threshold (ILIMH).
The device behavior in current limitation can be set by a dedicated OTP bit (ILIM_LATCHx) - 1x channel:
•
If ILIM_LATCHx = 1: channel is switched off (after tFILTER_OL) and latched. In order to restart the channel,
the MCU shall reset the latch-off event by refreshing the programmed value in the dedicated register
(CHLOFFTCR1 or CHLOFFTCR0). The action will clear the corresponding CHLOFFSR bit in Output Status
Register OUTSRx and bit 4 in the Global Status Byte.
•
If ILIM_LATCHx = 0: channel is set in auto-restart mode, allowing power limitation.
3.5
Electronic harness protection (STi²Fuse)
The VNF9D5F embeds the STMicroelectronics proprietary I²t functionality, featuring an intelligent circuit breaking
aimed at protecting PCB traces, connectors and wire harness from overheating, with no impact on load transients
like inrush currents and capacitance charging. The electronic wire harness protection, I²t protection, is active in all
operating modes, except in:
•
Standby mode when the device is in the lowest quiescent current consumption mode and all analog and
digital functions are in idle mode and output stages are off. Also, when a channel is in CCM, capacitive
charging mode, the I²t protection on that specific channel is disabled.
•
In CCM mode the wire harness remains in any case fully protected, since CCM mode is the latest aborted
after tCCM_DIS with low RMS current.
•
In LED mode, when the channel is operating in high RDSON and low current limitation mode. In this case,
the wires are protected by the intrinsic thermal I-t capability of the device.
•
In reverse battery condition when outputs are automatically activated.
In all other conditions, the wire harness protection is active and works fully autonomous and in particular does not
require any MCU control or supervision. The I²t protection functionality is equipped with specific safety
mechanism such as built-in self-tests (BIST) for the current sense block responsible for acquiring the load current
and the I²t block itself, which makes this function ASILx ready. In the ITCNTSR register the current value of the
integrated I²t budget is reported and allows the application to monitor how much of the available I²t budget is
actually consumed.
The I²t protection is based on a continuous RMS output current calculation. The current sense for I²t calculation is
sampled for each channel every t_ I²t _SAMPLE (given by the internal base frequency for I²t state machine fCLK)
with linearity ensured up to ILIMH. Since the current sense block is not active in the hard short circuit condition or
whenever the output voltage drops below the current sense shutdown threshold (VOUT_FSD), the behavior of the
channel when in current limitation is programmable (see Section 3.4: Overload protection–Output current
limitation (ILIMH)).
In the case ILIM_LATCHx is programmed in latch-off mode, the current sense, and consequently the I²t protection
function are always active when output is on (for the exceptions see above).
In case ILIM_LATCHx is programmed in auto restart mode, the current sense, and consequently the I²t protection
function are active as long as the output voltage remains above the current sense shutdown threshold
(VOUT_FSD). As soon as the output voltage drops below the current sense shutdown threshold (VOUT_FSD), for
example through a hard short circuit, the current sense is inhibited. In such condition however the I²t wire harness
protection is still operative, integrating with the fastest counter speed, while RMS current is maintained at a low
value, thanks to the power limitation protection, hence still effectively protecting the wire.
The shape of the actual I²t protection curve is a staircase curve, which is determined by two configurable
parameters, I_NOM and t_NOM. Both parameters are accessible through the SPI FSITCRx register, read-and
writeable.
Nominal time tNOM
The default tNOM parameter is programmed by 3 OTP bits (tNOM0, tNOM1, tNOM2, for each channel).
Its default value is 300 s.
VNF9D5F
Protections
DS13946 - Rev 6
page 14/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com