Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 98 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 98 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 94Page - STMicroelectronics VNF9D5F Datasheet HTML 95Page - STMicroelectronics VNF9D5F Datasheet HTML 96Page - STMicroelectronics VNF9D5F Datasheet HTML 97Page - STMicroelectronics VNF9D5F Datasheet HTML 98Page - STMicroelectronics VNF9D5F Datasheet HTML 99Page - STMicroelectronics VNF9D5F Datasheet HTML 100Page - STMicroelectronics VNF9D5F Datasheet HTML 101Page - STMicroelectronics VNF9D5F Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
Revision history
Table 80. Document revision history
Date
Version
Changes
09-Mar-2022
1
Initial release.
17-May-2022
2
Updated:
•
Section Features;
•
Section 3.4 Overload protection - Output current limitation (ILIMH);
•
Figure 1. Block diagram;
•
Figure 2. Connection diagram;
•
Figure 35. M0-9SPI Application schematic;
•
Table 1. Pin functionality description;
•
Table 24. RAM memory map;
•
Table 64. Power section.
Minor text changes in:
•
Section 5.6 Open-load OFF-state detection;
•
Table 2. Operating modes.
16-Jun-2022
3
Updated:
•
Section 12 Application schematics;
•
Figure 2. Connection diagram;
•
Table 1. Pin functionality description.
06-Mar-2024
4
Removed "ST Restricted" watermark, updated Device summary, Features, Description and
added STi²Fuse subbrand logo on cover page.
Updated Table 1. Pin functionality description.
Updated Section 2.1: Device interfaces and Section 2.2: State diagrams and operating
modes.
Updated Section 3.5: Electronic harness protection (STi²Fuse) and added Section 3.6:
Reverse battery turn-on.
Updated Table 25, Table 26, Table 31, Table 33, Section 4.4.2: Procedure to Turn-ON the
outputs with the Direct Input DIx, OUTCTRCRx and OUTSRx.
Removed "Section 4.5 Registers description" and added Section 4.5: Control registers.
Updated Section 5.1.3: Registers, Table 41, Section 5.4: Overload (VDS high voltage,
overload - OVL) and Section 5.6: Open-load OFF-state detection.
Updated Section 8: Parallel mode and added Table 45.
Added Figure 34 and updated Table 47, Table 49, Table 50, Table 51, Table 52, Table 54,
Table 55, Table 56, Table 59, Table 60, Table 61, Table 62, Table 63, Table 65, Table 66, Table
67, Table 69 and Table 70.
Updated Section 12: Application schematics.
Added Section 13: Maximum demagnetization energy (VCC = 16 V).
Updated Section 14.1: QFN (6x6 mm) thermal data.
Minor text changes.
17-Apr-2024
5
Updated FSITCRx.
Updated Table 59,Table 62, Table 66, Table 67 and Table 68.
Updated Figure 48. Thermal fitting model.
10-May-2024
6
Updated Section 2.2: State diagrams and operating modes, Section 3.5: Electronic harness
protection (STi²Fuse), Section 4.4.1: OTP programming and OUTSRx.
Updated a common test condition at the beginning of Section 10.3: SPI electrical
characteristics, Table 49, Table 61 and Table 65.
Updated Section 12: Application schematics.
VNF9D5F
DS13946 - Rev 6
page 98/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com