Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 95 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 95 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 91Page - STMicroelectronics VNF9D5F Datasheet HTML 92Page - STMicroelectronics VNF9D5F Datasheet HTML 93Page - STMicroelectronics VNF9D5F Datasheet HTML 94Page - STMicroelectronics VNF9D5F Datasheet HTML 95Page - STMicroelectronics VNF9D5F Datasheet HTML 96Page - STMicroelectronics VNF9D5F Datasheet HTML 97Page - STMicroelectronics VNF9D5F Datasheet HTML 98Page - STMicroelectronics VNF9D5F Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
Table 75. QFN (6x6 mm) mechanical data
Dim.
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
-
0.05
A2
0.10
-
-
A3
0.20 REF.
b1
0.20
0.25
0.30
b2
0.70
0.75
0.80
b3
0.50
0.60
0.70
D
6.00 BSC
E
6.00 BSC
e
0.50 BSC
L1
0.50
0.60
0.70
L2
0.50
0.60
0.70
L3
-
-
0.05
k
0.45
-
-
R
-
-
0.10
N
32+4
Table 76. QFN (6x6 mm) tolerance of form and position
Dim.
Millimeters
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
NOTE
1,12
REF
-
Table 77. QFN (6x6 mm) variations
Dim.
Millimeters
OPT.
Min.
Typ.
Max.
D2
3.70
3.80
3.90
A
E2
3.70
3.80
3.90
VNF9D5F
Package information
DS13946 - Rev 6
page 95/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com