Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 65 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 61Page - STMicroelectronics VNF9D5F Datasheet HTML 62Page - STMicroelectronics VNF9D5F Datasheet HTML 63Page - STMicroelectronics VNF9D5F Datasheet HTML 64Page - STMicroelectronics VNF9D5F Datasheet HTML 65Page - STMicroelectronics VNF9D5F Datasheet HTML 66Page - STMicroelectronics VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics VNF9D5F Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
6.5
Registers
For more details refer to the SPI register and Diagnostics.
•
Address 010h - Channel Latch OFF Timer Control Register (CHLOFFTCR0)
•
Address 011h - Channel Latch OFF Timer Control Register (CHLOFFTCR1)
Two 16-bit registers (Latch-OFF timer: R/W) are used for the channel behavior configuration and the timer value
setting.
For each channel 4 bits are used. The value is written by MCU from 0x0 to 0xF.
Figure 33. Example of behavior channel configuration
ch1
Dual device
ch1
ch1
ch1
ch0
ch0
ch0
ch0
Latch-Off timer register access:
•
Write command - store new value, read-back (during write command) old value equal to the timer down-
counting.
–
Any write command will clear the flag in the latch-OFF-flag register and reset the timer.
–
This function will be used by MCU to clear the flag in the latch-OFF-flag register, which is a read only
register.
•
Read command - read currently down-counted timer value. If the channel was latched because of timer
expiration, the channel is kept latched after read command.
•
Channels latch-off status bit - CHLOFFSRx in OUTSRx. Each channel has one CHLOFFSR flag. In case of
latch-OFF of a channel, this flag will be set and readable by MCU. This bit must be cleared to allow the
channel to resume operation through a read/clear operation.
6.6
Digital power management
A new pin (VREG) has been added, to supply the digital part. VDD pin remains in charge for digital I/O and pins
supplying to be compatible with system architecture. A capacitor in series with a resistance may be externally
connected to VREG pin (vs device GND) to sustain digital part power supply in case of fast battery interruption.
The capacitor is charged at a pre-regulated voltage (4.7 V) directly from internal battery reference.
In case VDD regulated voltage is supplied, an external diode may be connected between VDD pin (anode) and
VREG pin (cathode).
VNF9D5F
Programmable blanking window (PBW)
DS13946 - Rev 6
page 65/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com