Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 83 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 83 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 79Page - STMicroelectronics VNF9D5F Datasheet HTML 80Page - STMicroelectronics VNF9D5F Datasheet HTML 81Page - STMicroelectronics VNF9D5F Datasheet HTML 82Page - STMicroelectronics VNF9D5F Datasheet HTML 83Page - STMicroelectronics VNF9D5F Datasheet HTML 84Page - STMicroelectronics VNF9D5F Datasheet HTML 85Page - STMicroelectronics VNF9D5F Datasheet HTML 86Page - STMicroelectronics VNF9D5F Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ΔWOFF
Switching losses energy at turn-on at TJ = 25°C
to 150 °C
RL0 = 5.2 Ω; RL1 = 5.2 Ω
-
0
-
mJ
Table 70. Harness protection
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
INOM
INOM setting(1)
-10% INOM 10%
A
000
15
001
4
010
6
011
7.5
100
9
101
10
110
11.5
111
13
fCLK
Internal time base frequency for I²t state
machine
16
kHz
tF_UNLATCH
Minimum time for eFuse to unlatch when
pulling up DI1 (FCTRL) pin when MCUext = 0
50
µs
VOUT_FSDx
Fuse Current Sense - Output Voltage for
Shutdown
Channelx ON
5
V
IOUT_FCS_SATx(2) Fuse current sense - Output saturation current
VCC = 7 V; Channelx ON;
TJ =150°C
ILIMH
A
Fault diagnostic feedback
VF_FAULT
DI0 (STATUS) output voltage in fault condition
when MCUext = 0
VCC = 13 V; RSTATUS_PU = 10
kΩ; VSTATUS_PU = 5 V
0
300
mV
IF_FAULT
DI0 (STATUS) output current in fault condition
when MCUext = 0
VCC = 13 V; RSTATUS_PU = 10
kΩ; VSTATUS_PU = 5 V
500
μA
1. For each channel (in parallel mode, effectively INOM value is doubled).
2. Parameter evaluated by characterization, not tested in production.
VNF9D5F
Electrical specifications
DS13946 - Rev 6
page 83/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com