Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 3Page - STMicroelectronics VNF9D5F Datasheet HTML 4Page - STMicroelectronics VNF9D5F Datasheet HTML 5Page - STMicroelectronics VNF9D5F Datasheet HTML 6Page - STMicroelectronics VNF9D5F Datasheet HTML 7Page - STMicroelectronics VNF9D5F Datasheet HTML 8Page - STMicroelectronics VNF9D5F Datasheet HTML 9Page - STMicroelectronics VNF9D5F Datasheet HTML 10Page - STMicroelectronics VNF9D5F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Table 2. Operating modes
Operating mode
Entering conditions
Leaving conditions
Characteristics
Start:
transition phase
(not operating
mode) where
neither VREG nor
VCC are available.
-
The device leaves this phase to
enter sleep mode when:
System startup, VCC present
• VREG < VREG_POR_H
• VCC < VUSD
• Outputs: OFF
• SPI: inactive
• Registers: reset values
• Diagnostics: not available
Sleep mode:
in this state, the
device has very low
consumption
(IDDstdby, ISOFF)
• From start phase: as soon as
Vbat > VUSD is applied to VCC pin
• From normal or fail-safe mode
or pre-standby mode or standby
mode: VREG < VREG_POR_L
The device leaves this state to
enter fail
‑safe mode when:
• VREG > VREG_POR_H
• VREG < VREG_POR_H
• Outputs: OFF
• SPI: inactive
• Registers: reset values
• Diagnostics: not available
• Very low supply current from VDD and VCC
Standby mode:
in this state, the
device has low
consumption
From pre-standby mode: As soon
as STDBY_NOT low AND (CSN
high OR VDD < VDD_TH) AND all
I²t counters = 0 AND tstdby
elapsed
The device leaves this state to
enter sleep mode when:
VREG < VREG_POR_L;
The device leaves this state to
enter fail
‑safe mode when:
STDBY_NOT highOR (CSN low
AND VDD > VDD_TH)
• VREG > VREG_POR_H
• Outputs: OFF
• SPI: inactive
• Registers: not readable
• Diagnostics: not available
• Low supply current from VDD and VCC
Fail-safe mode:
(Limp-home)
• From pre-standby mode:
STDBY_NOT = 1 OR (CSN low
AND VDD > VDD_TH)
• From standby mode:
[STDBY_NOT = 1 OR (CSN low
AND VDD > VDD_TH)] AND VREG
> VREG_POR_H
• From normal mode: EN_bit = 0
OR WDTB timeout (tWDTB) OR
SW reset
• From sleep mode:
[STDBY_NOT = 1 OR (CSN low
AND VDD > VDD_TH)],
VREG >VREG_POR_H
• If VREG < VREG_POR_L, the
device enters sleep mode
• If STDBY_NOT = 0 AND (CSN
high OR VDD < VDD_TH) for at
least tprestdby, the device enters
pre-standby mode
• If the SPI sends the following
sequence, the device enters
normal mode:
1st communication frame:
• UNLOCK bit = 1
2nd communication frame:
• EN bit = 1 AND GOSTBY bit = 0
This procedure avoids entering
the normal mode unintentionally.
• VREG > VREG_POR_H
• Outputs: according toDIx, DIOTPx, MCUext
• SPI: active
• Registers: read/write possible, cleared if
entered after SW reset
• Diagnostics: available through SPI, ADC
conversion available only in asynchronous
mode
• Reset bit: set to 1 if the last state is Standby
mode or in case the last command is a SW
reset; it is reset to 0 at the first SPI access
• Protections: available. In case of over
temperature or power limitation, the outputs
work in auto-restart.
• Harness protection: available for all channels.
The channels are configured in autorestart
mode if MCUext bit = 1
Normal mode:
the transition to this
device state is
possible ONLY
from fail-safe state.
• If it is in fail-safe AND the SPI
sends the following sequence:
1st communication frame:
• UNLOCK = 1
2nd communication frame:
• GOSTBY = 0 AND EN = 1
This procedure avoids entering
the normal mode unintentionally.
• If VREG < VREG_POR_L, the
device enters the sleep mode
• If the SPI clears the EN bit (EN
bit = 0), the device enters the fail-
safe
• If WDTB is not toggled within the
timeout period tWDTB, the device
enters fail-safe mode
• If the SPI sends a SW reset, the
device enters the fail-safe mode
and all the registers are cleared
• If the SPI sends the following
sequence, the device enters the
pre-standby mode:
• Outputs: according to SPI register settings
and/or DIx
• SPI active
• Diagnostic: available
• Registers: read/write is allowed
• Protections: available. The outputs can be set
to “latch” or “time limited auto-restart”. In “time
limited auto-restart”, the outputs are
automatically switched on after an over
temperature or power limitation event for a
limited cumulated time duration; whilst in “latch”,
the relevant status register must be cleared to
switch them on again.
VNF9D5F
Functional description
DS13946 - Rev 6
page 7/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com