Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 28Page - STMicroelectronics VNF9D5F Datasheet HTML 29Page - STMicroelectronics VNF9D5F Datasheet HTML 30Page - STMicroelectronics VNF9D5F Datasheet HTML 31Page - STMicroelectronics VNF9D5F Datasheet HTML 32Page - STMicroelectronics VNF9D5F Datasheet HTML 33Page - STMicroelectronics VNF9D5F Datasheet HTML 34Page - STMicroelectronics VNF9D5F Datasheet HTML 35Page - STMicroelectronics VNF9D5F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
In normal mode, device is configured in latch. As soon as ITOFFSRx is set (at harness protection triggering), a
R&C command is needed for unlatch. When the unlatch command is sent, the counter will retain the value
reached during down counting (no counter reset).
MCUext = 0
Table 34. OTP memory map - MCUext = 0
OTP Memory Map Register (3Eh)
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
bit 1, bit 0
00
01
10
11
CHx
ON
ON
OFF
OFF
•
DI0: configured as STATUS (Global i²t fault indication active low => OR between all channels fault flag).
•
DI1: configured as F_CTRL (Unlatcher active high for all channels i²t protection at once).
•
DI0 configured as STATUS and DI1 configured as F_CTRL are enabled in both Fail Safe and Normal
modes.
•
Harness protection latches OFF the corresponding channel. ITOFFSRx will be kept high till a R&C
command is acquired. (ITOFFSRx bit remains high even if F_CTRL will unlatch all channels and even if
counters reaches 0).
•
Unlatch through DI1 (F_CTRL) toggling, pulled high for at least 20 μs and then set low, or R&C on
ITOFFSRx. All channels will be unlatched at once. Then, the counter will retain the value reached during
down counting (no counters value reset).
•
F_CTRL = Low → Protection active.
•
F_CTRL = High To Low → Unlatch all channels harness protection, regardless of the counter value (no
counters value reset).
Further information about the OTP programming mode is provided in the dedicated user manual UM3275 (OTP
programming for STi²Fuse devices).
4.4.2
Procedure to turn on the outputs with the direct input DIx
By applying logic level high/low to the pin, it turns ON/OFF the associated OTP selected outputs in fail-safe mode.
In normal mode, the DIx effect is ORed with SPI configuration when the DIENCR bit is set. Then this truth table
specifies the output state:
Table 35. Truth table
DIENCR
SOCRx
Related DIx logic status
OUTPUTx state
1
1
X
ON
1
0
L
OFF
1
0
H
ON
0
1
X
ON
0
0
X
OFF
The output channels can be configured to operate in Bulb or LED mode using the Channel Control Register
(CCR). If the relevant bit in CCR is 0, the output is configured in Bulb mode, if it is set to 1, the output is
configured in LED mode (default value is 0).
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 32/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com