Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 17 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics VNF9D5F Datasheet HTML 20Page - STMicroelectronics VNF9D5F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
Figure 9. Lowest (left hand) and highest (right hand) INOM and tNOM configuration setting on a 1 mm2 wire
The I²t protection curve consists of 13 steps, each of them corresponding to a specific current threshold.
Whenever the load current exceeds a threshold, a counter is counting up. If for instance looking at the example in
Figure 7, the current would exceed the value of INOM = 10 A, but stay below the current threshold of the next step,
which is set at 1.03* INOM about, the counter would reach its threshold value after tNOM = 300 s, the harness
protection is triggered and the output channel is automatically latched off.
Diagnostic about I²t intervention is available through SPI with the ITOFFSRx bit in the OUTSRx output status
register and bit 3 in the global status byte. Both bits are set when the output channel is latched off for wire
harness I²t protection. An additional diagnostic indication is available, depending on the configuration of MCUext
bit in the OTP memory area. The following table explains the functionality of DINx pins depending on the MCUext
bit setting.
Table 11. DINx pin functionality
MCUext bit
DIN0
DIN1
0
Global I²t status (active low) OR combination of all channels
Global I²t unlatch pin for all channels (active high)
1 (default)
Direct input
Direct input
In case MCUext = 0, DIN0 acts as an open drain global I²t status pin with an OR combination of all channels. The
DIN0 pin is active low, in case at least one channel has latched off for wire harness I²t protection. The I²t latch can
be cleared by clearing:
•
The ITOFFSRx bit through R&C command
Or
•
Low to high transition on DIN1 pin, it remains at high level for at least t_DIN_UNLATCH, then pulls low
DIN1 pin. If more than one channel is latched for wire harness I²t protection, this unlatches all channels at
the same time.
Consequently, bit 3 in the global status byte is cleared and the channel is restarted. The I²t counter is NOT reset,
it keeps its actual value reached during down-counting while the channel was latched.
In the case MCUext = 0, both possibilities for unlatching are available in normal mode and fail-safe mode.
However, ITOFFSRx bit and bit 3 in the global status byte is cleared only through the R&C command.
In case MCUext = 1, diagnostic and unlatch control is available only through SPI; however, in fail-safe mode wire
harness I²t protection is in auto restart mode, unlatching the channel when the I²t counter counted down to 0.
The speed of the counter up-counting (fixed drop, refer to Table 12) is increased every time the load current
reaches the next staircase current threshold of the I²t curve. Every time the load current drops below the INOM
threshold the counter is decreasing. The speed of the down-counting depends on how far the load current is
below the INOM. This algorithm perfectly emulates a continuous RMS (root mean square) current integration,
which in fact is the proper indicator to measure the losses in the wire by Joule effect, causing the temperature rise
in the wire.
VNF9D5F
Protections
DS13946 - Rev 6
page 17/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com