Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 91 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 91 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 87Page - STMicroelectronics VNF9D5F Datasheet HTML 88Page - STMicroelectronics VNF9D5F Datasheet HTML 89Page - STMicroelectronics VNF9D5F Datasheet HTML 90Page - STMicroelectronics VNF9D5F Datasheet HTML 91Page - STMicroelectronics VNF9D5F Datasheet HTML 92Page - STMicroelectronics VNF9D5F Datasheet HTML 93Page - STMicroelectronics VNF9D5F Datasheet HTML 94Page - STMicroelectronics VNF9D5F Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
Table 73. PCB properties
Dimension
Value
Board finish thickness
1.6 mm ±10%
Board dimension
129 mm x 60 mm
Board material
FR4
Cu thickness (top and bottom layers)
0.070 mm
Cu thickness (inner layers)
0.035 mm
Thermal vias separation
1.2 mm
Thermal vias diameter
0.3 mm ±0.08 mm
Cu thickness on vias
0.025 mm
Footprint dimension (top layer)
6 mm x 6 mm
Heatsink copper area dimension (bottom layer)
Footprint, 2 cm2 or 8 cm2
Figure 46. RthJA vs PCB copper area in open box free air conditions
PCB Cu heatsink area (cm2 )
RthJA (°C/W)
30
35
40
45
50
55
60
0
2
4
6
8
10
RthJA on 4Layers PCB: 21.8 °C/W
RthJB: 6.5 °C/W
VNF9D5F
Package and PCB thermal data
DS13946 - Rev 6
page 91/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com