Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 16 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 12Page - STMicroelectronics VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics VNF9D5F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
Figure 7. Protection curve with INOM = 10 A and tNOM = 300 s vs a 0.5 mm2 wire isothermic curve
Figure 8. Protection curve in parallel mode with INOM = 20 A and tNOM = 300 s vs a 1.5 mm2 wire isothermic
curve
The I²t protection curve can be moved in y-direction by changing the INOM value and in x-direction changing the
tNOM value. The following figure represents the total range of I²t the device can cover, ranging from
INOM_MIN = 4 A with tNOM_MIN = 1 s up to INOM_MAX = 15 A with tNOM_MAX = 300 s.
VNF9D5F
Protections
DS13946 - Rev 6
page 16/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com