Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 80 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 80 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 76Page - STMicroelectronics VNF9D5F Datasheet HTML 77Page - STMicroelectronics VNF9D5F Datasheet HTML 78Page - STMicroelectronics VNF9D5F Datasheet HTML 79Page - STMicroelectronics VNF9D5F Datasheet HTML 80Page - STMicroelectronics VNF9D5F Datasheet HTML 81Page - STMicroelectronics VNF9D5F Datasheet HTML 82Page - STMicroelectronics VNF9D5F Datasheet HTML 83Page - STMicroelectronics VNF9D5F Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
WOFF(2)
Switching losses energy at turn-off
Ch0,1
RL = 10 Ω; SLOPECRx = 00
0.07 0.15
mJ
1. See Figure 36.
2. Parameter specified by design and evaluated by characterization, not tested in production.
Table 65. LED–Protection and diagnosis
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH_ch0,1(1)
DC short-circuit current
VCC = 16 V, TJ = -40 °C
-15%
19.5
15%
A
VCC = 16 V, TJ = 150 °C
-15%
13.5
15%
A
ILIMH_ch0,1 at 19 V
DC short-circuit current
VCC = 19 V, TJ = -40 °C
-15%
15
15%
A
VCC = 19 V, TJ = 150 °C
-15%
10
15%
1. ILIMH_ch0,1,guaranteed between 7 V and 16 V, -40 °C < TJ < 150 °C.
Table 66. LED–Digital current sense (7 V < VCC < 18 V, channel 0,1; TJ = -40 °C to 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KOL
Digital current sense gain:
ADCOUT/IOUT
IOUT = 90 mA
-65%
144
65%
1/A
KLED
Digital current sense gain:
ADCOUT/IOUT
IOUT = 140 mA
-35%
143
35%
1/A
K0
Digital current sense gain:
ADCOUT/IOUT
IOUT = 270 mA
-15%
140
15%
1/A
K1
Digital current sense gain:
ADCOUT/IOUT
IOUT = 1.35 A
-8%
140
8%
1/A
K2
Digital current sense gain:
ADCOUT/IOUT
IOUT = 4 A
-7%
140
7%
1/A
IOUT_OFFSET(1)
Output current offset
ISENSE = 000H
-25
25
mA
IOUT_SAT_LED
Output saturation current in LED mode
ISENSE = 3FFH
6
A
tON_CS(min)_LED(1) Minimum ON time for digital current sense availability
150
μs
1. Parameter specified by design and evaluated by characterization, not tested in production.
VNF9D5F
Electrical specifications
DS13946 - Rev 6
page 80/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com