Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 55 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 51Page - STMicroelectronics VNF9D5F Datasheet HTML 52Page - STMicroelectronics VNF9D5F Datasheet HTML 53Page - STMicroelectronics VNF9D5F Datasheet HTML 54Page - STMicroelectronics VNF9D5F Datasheet HTML 55Page - STMicroelectronics VNF9D5F Datasheet HTML 56Page - STMicroelectronics VNF9D5F Datasheet HTML 57Page - STMicroelectronics VNF9D5F Datasheet HTML 58Page - STMicroelectronics VNF9D5F Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
Table 39. Sampling mode
SPCRxx
Sampling mode
00
STOP mode
01
START mode
10
CONTINUOUS mode
11
FILTERED mode
Synchronous mode
•
Synchronous mode in PWM condition:
–
Sampling is done according to the PWM rising and falling edge (see Figure 25). See Table 39 for
more details about the registers configuration.
–
The sampling priority will be always allocated at higher priority.
•
Registers configuration:
–
SPCR10 = 0h: Synchronous triggered by rising edge on internal PWM. Conversion is executed on
the rising edge of the conversion window (see Figure 25).
–
The ADC real sampling is managed to trigger the sampling point with margin versus falling edge.
–
SPCR10 = 1h: Synchronous triggered by falling edge of the internal PWM signal. Conversion is
executed on the falling edge of the conversion window (see Figure 25).
Figure 25. Sequence of channels
Channel 0
Channel 1
Channel 2
Channel 3
Sampled Channel:
ADC priority stack:
2
0
1
3
2
3
0
0
1
2
3
1
2
3
0
3
1
2
0
3
2
1
0
3
2
3
1
0
2
3
1
0
2
3
1
3
0
2
1
3
2
0
1
3
2
3
0
1
2
3
0
1
2
3
0
3
1
2
0
3
2
1
0
3
2
3
1
0
2
3
1
0
2
3
1
3
0
2
1
3
2
0
1
3
2
3
0
1
2
3
0
1
2
3
0
3
1
2
0
3
2
1
0
3
2
3
1
0
2
3
1
0
2
3
1
3
0
1
2
3
Direct Input Signal
Tend
ADC Sampling point
Asynchronous mode
In asynchronous mode the ADC result register is continuously refreshed, provided that the channel is
commanded on through either the direct input signal or the SOCR register. Conversion is executed during the
complete conversion window except the priority arbitration.
Since the ADC register is continuously refreshed, its conversion priority is always lower than the sampled
channels.
Once the PWM counter will reach a value for which synchronous diagnostic of another channel is requested, the
internal MUX will switch to this channel and serve the ADC sampling request (channels in synchronous mode
have higher priority compared with those in asynchronous mode). Once this sampling will be completed the MUX
will switch back to the asynchronous sampling channel, provided that no higher priority sampling requests from
other channels occur. If two or more channels are configured in asynchronous mode, the MUX will sequentially
switch through those channels, always interrupted when higher priority synchronous sampling requests occur.
The thermal case sampling has always low priority for the ADC conversion and so can be interrupted by any
channel in sample mode.
VNF9D5F
Diagnostic
DS13946 - Rev 6
page 55/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com