Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 11Page - STMicroelectronics VNF9D5F Datasheet HTML 12Page - STMicroelectronics VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
Table 9. Nominal time
Nominal time value
tNOM2
tNOM1
tNOM0
300 s (default)
0
0
0
257 s
0
0
1
214 s
0
1
0
172 s
0
1
1
129 s
1
0
0
86 s
1
0
1
44 s
1
1
0
1 s
1
1
1
Nominal current INOM
The default INOM parameter is programmed by 3 OTP bits (INOM0, INOM1, INOM2, for each channel).
Its default value is 15 A.
Table 10. Nominal current
Nominal current value
INOM2
INOM1
INOM0
4 A
0
0
1
6 A
0
1
0
7.5 A
0
1
1
9 A
1
0
0
10 A
1
0
1
11.5 A
1
1
0
13 A
1
1
1
15 A (default)
0
0
0
Note:
In parallel mode, the I²t protection function is available. In this case, the configuration data are applied only to
CH0. Effectively the INOM value is doubled.
The value of INOM represents the level of steady state current, which can be accepted for infinite time in the
system consisting of IC, routing, connectors, wiring, and load. The value of tNOM specifies how fast the staircase
curve reaches the INOM value.
The Figure 7 depicts the I²t staircase protection curve with a configuration of INOM = 10 A and tNOM = 300 s and
for comparison the I-t isothermic curve of a wire with 0.5 mm2 cross section at TA = 85 °C heating up to 150 °C. It
can be seen that the I²t staircase protection curve is always left below the wire isothermic curve, which means the
I²t protection algorithm protects the wire from carrying an RMS current, which would lead to a higher temperature
increase than the one of the isothermic curve.
CH0 and CH1 can be paralleled by setting a specific bit in the OTP memory map. In this case only the
configuration data of channel 0 applies and the value of INOM is effectively doubled while RDSon is effectively
halved.
VNF9D5F
Protections
DS13946 - Rev 6
page 15/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com