Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 22 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics VNF9D5F Datasheet HTML 20Page - STMicroelectronics VNF9D5F Datasheet HTML 21Page - STMicroelectronics VNF9D5F Datasheet HTML 22Page - STMicroelectronics VNF9D5F Datasheet HTML 23Page - STMicroelectronics VNF9D5F Datasheet HTML 24Page - STMicroelectronics VNF9D5F Datasheet HTML 25Page - STMicroelectronics VNF9D5F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
4.1.3
SPI mode
Supported SPI mode during a communication phase can be seen in the following figure:
Figure 14. Supported SPI mode
µC
SPI Master
VNF9D5F
Slave
CSN
SCK
SDI
SDO
MSB
MSB
LSB
LSB
CSN
SCK
SDI
SDO
This device can be driven by a micro controller with its SPI peripheral running in the following mode:
•
CPOL = 0, CPHA = 0
Figure 15. Bus master and two devices in a normal configuration
BUS master
SPI interface with
CPOL = 0
CPHA = 0
CS1
CS2
VNF9D5F
CSN2
CSN1
SCK
SDI
SDO
SCK
SDI
SDO
VNF9D5F
4.2
SPI protocol
4.2.1
SDI, SDO format
SDI format during each communication frame starts with a command byte. It begins with two bits of operating
code (OC0, OC1) which specify the type of operation (read, write, read and clear status, read device information)
and it is followed by a 6-bit address (A0:A5). The command byte is followed by two input data bytes (D15:D8) and
(D7:D0).
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 22/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com