Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 64 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 64 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 60Page - STMicroelectronics VNF9D5F Datasheet HTML 61Page - STMicroelectronics VNF9D5F Datasheet HTML 62Page - STMicroelectronics VNF9D5F Datasheet HTML 63Page - STMicroelectronics VNF9D5F Datasheet HTML 64Page - STMicroelectronics VNF9D5F Datasheet HTML 65Page - STMicroelectronics VNF9D5F Datasheet HTML 66Page - STMicroelectronics VNF9D5F Datasheet HTML 67Page - STMicroelectronics VNF9D5F Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
6.3
Power limitation counter
The flowchart below displays the flow of the events and states. It does not include the timer update by MCU.
Figure 32. Power limitation counter flowchart
Start
Timer
End
End
No
No
No
Yes
Yes
Yes
0x0F
0xEF..0x10
End timer
EVENT ?
EVENT ?
End timer ?
Counter = N - 1
LatchOff timer
register
=
m :: 0xmF
0 :: 0x0F
.Latch OFF
.Set Error
flag
Wait
(Flag single step
duration)
.Stop Timer
.Reset Flag
.Reset Flag
Power limitation counter
6.4
Fail-safe mode
In fail-safe mode, the device is in unlimited auto-restart operation. The blanking time window has no effect on the
duration of the auto-restart. The timers in the fail-safe mode are frozen and inactive.
This ensures full independence of the fail-safe mode of operation.
VNF9D5F
Programmable blanking window (PBW)
DS13946 - Rev 6
page 64/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com