Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 40 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 36Page - STMicroelectronics VNF9D5F Datasheet HTML 37Page - STMicroelectronics VNF9D5F Datasheet HTML 38Page - STMicroelectronics VNF9D5F Datasheet HTML 39Page - STMicroelectronics VNF9D5F Datasheet HTML 40Page - STMicroelectronics VNF9D5F Datasheet HTML 41Page - STMicroelectronics VNF9D5F Datasheet HTML 42Page - STMicroelectronics VNF9D5F Datasheet HTML 43Page - STMicroelectronics VNF9D5F Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
SOCR
Channel control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
R/W
-
R/W
-
R/W
R
Address:
0x13h
Type:
R/W
Reset:
0
Description:
Channel control register
[15:14]
-
[13]
Exit capacitive charging mode on channel 1 (active high). This bit is automatically reset.
[12]
Exit capacitive charging mode on channel 0 (active high). This bit is automatically reset.
[11:10]
-
[9]
SOCR bit controls output state of channel 1
1 – output enabled
0 – output disabled
[8]
SOCR bit controls output state of channel 0
1 – output enabled
0 – output disabled
[7:4]
-
[3]
Capacitive charging mode on channel 1
1 – enabled
0 – disabled
This bit is automatically reset.
[2]
Capacitive charging mode on channel 0
1 – enabled
0 – disabled
This bit is automatically reset.
[1]
Watchdog toggle bit
[0]
Parity bit
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 40/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com