Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 37 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 33Page - STMicroelectronics VNF9D5F Datasheet HTML 34Page - STMicroelectronics VNF9D5F Datasheet HTML 35Page - STMicroelectronics VNF9D5F Datasheet HTML 36Page - STMicroelectronics VNF9D5F Datasheet HTML 37Page - STMicroelectronics VNF9D5F Datasheet HTML 38Page - STMicroelectronics VNF9D5F Datasheet HTML 39Page - STMicroelectronics VNF9D5F Datasheet HTML 40Page - STMicroelectronics VNF9D5F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
CHLOFFTCRxx
Channel latch OFF timer control register
Address:
0x10h
Type:
R/W
Reset:
0
Description:
Channel latch OFF timer control register
In case of power limitation or thermal shutdown event, the output channel behavior is configurable (by means of 2
bits) as latch off or time limited auto-restart (tblanking).
By default, the time limited auto-restart mode is the set behavior.
In latched off-state, the fault must be cleared to re-enable the output channel after an overtemperature or power
limitation event.
The blanking window duration (tblanking) in case of power limitation or thermal shutdown events can be set, per
channel, according to the following table:
Table 37. Programmable tblanking values
CHLOFFTCRx3
CHLOFFTCRx2
CHLOFFTCRx1
CHLOFFTCRx0
0
0
0
0
Latch OFF (default)
0
0
0
1
16 ms
0
0
1
0
32 ms
…
…
…
…
…
1
1
1
0
224 ms
1
1
1
1
240 ms
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 37/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com