Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 27 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 23Page - STMicroelectronics VNF9D5F Datasheet HTML 24Page - STMicroelectronics VNF9D5F Datasheet HTML 25Page - STMicroelectronics VNF9D5F Datasheet HTML 26Page - STMicroelectronics VNF9D5F Datasheet HTML 27Page - STMicroelectronics VNF9D5F Datasheet HTML 28Page - STMicroelectronics VNF9D5F Datasheet HTML 29Page - STMicroelectronics VNF9D5F Datasheet HTML 30Page - STMicroelectronics VNF9D5F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Bit
Name
Reset
Content
5
SPI error (SPIE)
0
The SPIE is a logical OR combination of errors related to a wrong SPI communication
(SCK count and SDI stuck at errors).
The SPIE bit is automatically set when SDI is stuck at High or Low. The SPIE is
automatically cleared by a valid SPI communication.
4
Thermal shutdown
(TSD) or power
limitation (PL)
0
This bit is set in case of thermal shutdown or power limitation.
3
I²t channel latch off
(ITLOFF)
0
Logical OR combination of STi²Fuse latch for each channel.
2
Latch Off (LOFF)
0
The device error bit is set in case one or more channels are latched OFF
1
Case temperature bit
(TCASE)
0
This bit is set if the frame temperature is greater than the threshold (120 ºC), it can be
used as a temperature pre-warning. The bit is automatically cleared when the frame
temperature drops below the case-temperature reset threshold (TCR1). (It corresponds
to the content of the bit TW1)
0
Fail-safe (FS)
1
The bit is set in case device operates in Fail Safe mode.
Note:
The FFh or 00h combinations for the global status byte are not possible, due to the active low of global status bit
(bit 7), exclusive combination exists between bit 7 and bit 0 - bit 6. Consequently, a FFh or 00h combination for
the global status byte must be detected by the microcontroller as a failure (SDO stuck to GND or to VDD or loss
of SCK).
4.3.2
RAM
RAM registers can be separated according to the frequency of usage:
•
Init–register is read/written during the initialization phase (single shot action).
•
Continuous–read/write/read and clear registers are often accessed, applying outputs control and
diagnostic.
•
Rare–read/read and clear status of device registers accessed on demand (in case of failure).
Table 25. RAM memory map
Address
Name
Access
Content
Access type
Reset value
Control registers
00h
OUTCTRCR0
Read/Write Output control configuration register channel 0
Init
0x0000
01h
OUTCTRCR1
Read/Write Output control configuration register channel 1
Init
0x0000
Not used area
08h
OUTCFGR0
Read/Write Output configuration register 0
Init
0x0000
09h
OUTCFGR1
Read/Write Output configuration register 1
Init
0x0000
Not used area
10h
CHLOFFTCR0
Read/Write
Channel latch-off timing control register 1
(channels 1, 0)
Init
0x0000
Not used area
13h
SOCR
Read/Write Channel control register
Init
0x0000
14h
CTRL
Read/Write Control register
Init
0x0000
15h
FSITCR0
Read/Write Fail-safe and I²t settings for channel 0
Init
0x0200
16h
FSITCR1
Read/Write Fail-safe and I²t settings for channel 1
Init
0x0200
Not used area
STATUS REGISTERS
20h
OUTSR0
Read/Clear Output status register Channel 0
rare
0x0000
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 27/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com