Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 86 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 82Page - STMicroelectronics VNF9D5F Datasheet HTML 83Page - STMicroelectronics VNF9D5F Datasheet HTML 84Page - STMicroelectronics VNF9D5F Datasheet HTML 85Page - STMicroelectronics VNF9D5F Datasheet HTML 86Page - STMicroelectronics VNF9D5F Datasheet HTML 87Page - STMicroelectronics VNF9D5F Datasheet HTML 88Page - STMicroelectronics VNF9D5F Datasheet HTML 89Page - STMicroelectronics VNF9D5F Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
Table 72. Component values
Reference
Value
Comment
RVDD
330 Ω
Device logic protection
CVCC
100 nF
Battery voltage spikes filtering mounted close to IC
RCSN
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSCK
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSDI
2.7 kΩ
Microcontroller protection during overvoltage and reverse polarity
RSDO2
220 Ω
Microcontroller protection during overvoltage and reverse polarity
RSDO1
50 Ω
Optional
D1
BAT54
Microcontroller protection during overvoltage and reverse polarity
RPWM_CLK,
RSTDBY_NOT
2.2 kΩ
Microcontroller protection during: overvoltage, reverse polarity
and loss of GND
RDI0
15 kΩ
Microcontroller protection during: overvoltage, reverse polarity
and loss of GND
RDI1
15 kΩ
Microcontroller protection during: overvoltage, reverse polarity
and loss of GND
D2
Suppressor 20 V
Negative transient protection.
D3
Suppressor 36 V
Overvoltage protection.
RGND
4.7 kΩ
-
DGND
BAS21 for VDD = 5 V,
Schottky (that is, BAT54-Y)
for VDD = 3.3 V
Reverse polarity protection. Usage of schottky or standard diode
dependent on VDD
DVCC
Schottky 40 V
Typical components used in applicative environment are 1N5822
or STPS1H100
CDD
1 nF
RDD
100 Ω
CREG
2.2 μF
RREG
120 Ω
Further information about the application schematic are provided in the dedicated application note.
VNF9D5F
Application schematics
DS13946 - Rev 6
page 86/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com