Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 33 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 29Page - STMicroelectronics VNF9D5F Datasheet HTML 30Page - STMicroelectronics VNF9D5F Datasheet HTML 31Page - STMicroelectronics VNF9D5F Datasheet HTML 32Page - STMicroelectronics VNF9D5F Datasheet HTML 33Page - STMicroelectronics VNF9D5F Datasheet HTML 34Page - STMicroelectronics VNF9D5F Datasheet HTML 35Page - STMicroelectronics VNF9D5F Datasheet HTML 36Page - STMicroelectronics VNF9D5F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
Figure 20. Direct input block diagram - valid for 2, 4 and 6 channels device
Direct
Input 0
Gate Driver
Channel 0
OR
OR
OR
OR
Gate Driver
Channel 1
Gate Driver
Channel 2
Gate Driver
Channel 3
Direct
Input 1
SPI Register : OUTCFGR
Output Configuration Register
SPI Register : OUTSRx
Outputx Status Register
SPI Register : SOCR
SPI Output Control Register
OR
Gate Driver
Channel 4
OR
Gate Driver
Channel 5
OUTPUT
5
OUTPUT
4
OUTPUT
3
OUTPUT
2
OUTPUT
1
OUTPUT
4
3
2
1
0
DIENCR
5
DIENCR
4
DIENCR
3
DIENCR
2
DIENCR
1
DIENCR
0
OTP
DIENSR
DIENSR
5
DIENSR
DIENSR
DIENSR
DIENSR
0
4.4.3
Output switching slopes control
Output switching slopes are set by the two bits SLOPECR1, 2 in the OUTCFGCRx register (address from 0x08h
to 0x0Dh depending on the channel). The switching slopes are shown in the following table:
Table 36. Switching slopes
SLOPECRx
Channel 0, 1 (V/μs)
00
Standard
01
Fast
10
Faster
11
Fastest
VNF9D5F
SPI functional description
DS13946 - Rev 6
page 33/106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com