Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 23Page - PMC-Sierra, Inc PM73121 Datasheet HTML 24Page - PMC-Sierra, Inc PM73121 Datasheet HTML 25Page - PMC-Sierra, Inc PM73121 Datasheet HTML 26Page - PMC-Sierra, Inc PM73121 Datasheet HTML 27Page - PMC-Sierra, Inc PM73121 Datasheet HTML 28Page - PMC-Sierra, Inc PM73121 Datasheet HTML 29Page - PMC-Sierra, Inc PM73121 Datasheet HTML 30Page - PMC-Sierra, Inc PM73121 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

1
SYSTEM APPLICATIONS
An essential function for ATM switches is to emulate existing Time Division Multiplexing
(TDM) circuits. Since most voice and data services are currently provided by TDM circuits,
seamless interworking between TDM and ATM has become a system requirement. The ATM
Forum has standardized an internetworking function that satisfies this requirement in the Circuit
Emulation Service (CES) Specification. The AAL1gator II is a direct implementation of that ser-
vice specification in silicon, including the complex N
× 64 channelized service and support of
CAS.
1.1
Replacing a TDM Digital Access Cross-connect System (DACS) with an ATM System
In one public network application, a TDM DACS is replaced with an ATM system containing an
AAL1gator II. When the backbone trunk of a network is changed from TDM to ATM, the TDM
DACSs will probably be converted from TDM to ATM. The existing leased line services pro-
vided by the DACSs must then be provisioned with the ATM DACS. In this manner, TDM, frame
relay, and ATM circuits can be provided in a single network, as shown in Figure 4.
Figure 4.
Using the AAL1gator II as Part of a TDM DACS Replacement
Fractional T1 Service
TDM DACS
Fractional T1 Service
Circuit Emulation
Card
AAL1gator II
(PM73121)
ATM DACS
TDM Backbone
ATM Backbone
T1 Service
Digital Data Service
T1 Service
DDS Service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com