Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 4Page - PMC-Sierra, Inc PM73121 Datasheet HTML 5Page - PMC-Sierra, Inc PM73121 Datasheet HTML 6Page - PMC-Sierra, Inc PM73121 Datasheet HTML 7Page - PMC-Sierra, Inc PM73121 Datasheet HTML 8Page - PMC-Sierra, Inc PM73121 Datasheet HTML 9Page - PMC-Sierra, Inc PM73121 Datasheet HTML 10Page - PMC-Sierra, Inc PM73121 Datasheet HTML 11Page - PMC-Sierra, Inc PM73121 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@
10/17/97
(first version of the
WAC-121-A
User’s Manual)
01/21/98
• In Table 6, starting on page 81, deleted the last two sentences from
the description of “RPHY_CLAV” on page 82 and the description
of “TPHY_CLAV” on page 83.
•Under Figure 62 on page 96, changed the Maximum value of Tq
from “12” to “13”.
•Under section 6.4.1 “RUTOPIA as the ATM Layer Device”, on
page 100, added the second paragraph.
• In Table 21 on page 105, changed the Maximum value of number
16 from “2” to “1” and number 18 from “7” to “6”.
•Under Figure 69 on page 104, changed the Minimum value of
Twc from “Tp-1” to “Tp-2”, Twsu from “2” to “1”, and added text
to the second bullet under NOTES.
•Revised Figure 70 on page 105 and the corresponding table.
•Under Figure 71 on page 107, changed the Maximum value of
Tded from “24” to “25” and Taed from “19” to “20”.
•Under Figure 72 on page 109, changed the Maximum value of
Taed from “19” to “20”.
•Under Figure 73 on page 112, changed the Maximum value of
Tded from “24” to “25”.
•Under Figure 76 on page 117, changed the Maximum value of Tq
from “12” to “16”.
• Deleted section 7 “Boundary Scan” starting on page 119 and
renumbered the remaining sections.
•Under “QUE_CREDITS Word Format” section on page 137,
changed from “Reserved” to “FRAME_REMAINDER” and
added description.
• Under the “CMDREG Word Format” section on page 165, revised
the description for “CSD_ATTN”.
• Added the second bullet to NOTES on page 166.
•Under section 7.11 “Activating a New Queue on an Active Line”,
on page 167, added the third bullet to NOTES.
•Added section 8.4 “External FIFO Application” starting on
page 171.
•Under section 8.5 “External SRTS-Based Clock Recovery
Application”, on page 172, added the last two paragraphs.
From Version
To Version
Major Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com