Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 79Page - PMC-Sierra, Inc PM73121 Datasheet HTML 80Page - PMC-Sierra, Inc PM73121 Datasheet HTML 81Page - PMC-Sierra, Inc PM73121 Datasheet HTML 82Page - PMC-Sierra, Inc PM73121 Datasheet HTML 83Page - PMC-Sierra, Inc PM73121 Datasheet HTML 84Page - PMC-Sierra, Inc PM73121 Datasheet HTML 85Page - PMC-Sierra, Inc PM73121 Datasheet HTML 86Page - PMC-Sierra, Inc PM73121 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

uses the synchronization signals (TL_FSYNC and TL_MSYNC) supplied by the framer to per-
form a parallel-to-serial conversion on the outgoing data that it reads from a multiframe buffer in
the order in which it is needed.
A rising edge on TL_FSYNC indicates the beginning of a frame, and a rising edge on TL_
MSYNC indicates the beginning of a multiframe. The RFTC realigns when an edge is seen on
these signals. It is not necessary to provide an edge every frame or multiframe. Signaling data is
driven for all frames of any multiframe and will change only on multiframe boundaries. For T1
mode, signaling data may change every 24th frame. For E1 mode, signaling may change every
16th frame.
A special case of E1 mode exists that permits the use of T1 signaling with E1 framing. Normally
an E1 multiframe consists of 16 frames of 32 timeslots, where signaling changes on multiframe
boundaries. When E1_WITH_T1_SIG is set in LIN_STR_MODE and the line is in E1 mode, the
TFTC will use a multiframe consisting of 24 frames in 32 timeslots. In this mode, the
AAL1gator II reads signaling on the 24th frame of the multiframe.
The signaling nibble is valid for each channel when the last nibble of each channel’s data is being
driven. See Figure 48 for an example of signaling bits in a T1 frame. See Figure 49 for an exam-
ple of signaling bits in the E1 mode.
NOTE: The AAL1gator II treats all 32 timeslots identically. Although E1 data streams con-
tain 30 timeslots of channel data and 2 timeslots of control (timeslots 0 and 16), data
Figure 48.
Output of T1 Signaling Bits
Figure 49.
Output of E1 Signaling Bits
Channel 0
ABCD XXXX
Channel 1
ABCD XXXX
Channel 2
ABCD
Channel 21
ABCD XXXX ABCD
Channel 22
Channel 23
ABCD
...
...
...
Line Output Signals During Every Frame
0
1
2
21
22
23
XXXX - indicates signaling is invalid
XXXX
XXXX
XXXX
TL_SER
(timeslots)
TL_SIG
Channel 0
ABCD XXXX
Channel 1
ABCD XXXX
Channel 2
ABCD
Channel 29
ABCD XXXX ABCD
Channel 30
Channel 31
ABCD
...
...
...
0
1
2
29
30
31
XXXX - indicates signaling is invalid
XXXX
XXXX
XXXX
TL_SER
(timeslots)
TL_SIG
Line Output Signals During Every Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com