Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 66Page - PMC-Sierra, Inc PM73121 Datasheet HTML 67Page - PMC-Sierra, Inc PM73121 Datasheet HTML 68Page - PMC-Sierra, Inc PM73121 Datasheet HTML 69Page - PMC-Sierra, Inc PM73121 Datasheet HTML 70Page - PMC-Sierra, Inc PM73121 Datasheet HTML 71Page - PMC-Sierra, Inc PM73121 Datasheet HTML 72Page - PMC-Sierra, Inc PM73121 Datasheet HTML 73Page - PMC-Sierra, Inc PM73121 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

of external memory are allocated for receive queues. Since there are eight lines, each line is allo-
cated 16 kBytes of memory. This provides for 32 multiframes of E1 data (16 multiframes if T1
signaling is used) or 16 multiframes of T1 data. The queues are used in a wrap-around fashion.
Read and write pointers are used at the frame and multiframe level to access the receive queue.
Figure 34 on page 53 shows cell reception. Read and write pointers are used at the frame and mul-
tiframe level to access the correct data byte location. The RALP writes sequential cell data bytes
into successive DS0 locations assigned to that queue.
When the RALP encounters signaling bytes, it places them in the receive signaling buffer. The
buffers are organized in a multiframe format. There is one signaling nibble per multiframe allo-
cated to each DS0 channel. Therefore, 32 bytes of signaling storage are allocated for each multi-
frame worth of data buffer.
Figure 34 and the figures that follow illustrate these points and identify how different data formats
are stored in the data and signaling buffers.
The RALP determines channels by reading from the R_CHAN_ALLOC table and then storing
the data in the corresponding timeslots of successive frame buffers in the R_DATA_BUFFER.
Figure 34.
Cell Reception
511
0
. . . .
. . . .
RFTC
Frames
31
0
Channel
RALP reassembles bytes from
the cell. In this case, into DS0s
17 and 21.
R_DATA_BUFFER
17
21
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com