Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 60Page - PMC-Sierra, Inc PM73121 Datasheet HTML 61Page - PMC-Sierra, Inc PM73121 Datasheet HTML 62Page - PMC-Sierra, Inc PM73121 Datasheet HTML 63Page - PMC-Sierra, Inc PM73121 Datasheet HTML 64Page - PMC-Sierra, Inc PM73121 Datasheet HTML 65Page - PMC-Sierra, Inc PM73121 Datasheet HTML 66Page - PMC-Sierra, Inc PM73121 Datasheet HTML 67Page - PMC-Sierra, Inc PM73121 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

by the microprocessor. The tail pointer is the address of the last cell of the queue, and is main-
tained by the RALP. The RALP updates the tail pointer upon each OAM cell arrival. Figure 31
shows the interpretation of the incoming cell header.
If SHIFT_VCI = 0, cells received with VCI(8) = 1 and PTI = 0 to 3 are interpreted as data cells
and are sent to the queue with VCI(7:0). Bits 7:5 determine the line, and bits 4:0 determine the
queue. The receiver ignores VCI(15:9) and VPI(11:0). If SHIFT_VCI = 1, the interpretation of
the VCI bits is shifted by four bits.
When the cell is a data cell, the RALP verifies the SN CRC. If the SN CRC does not verify, the
RALP attempts to correct it as specified in ITU-T Recommendation I.363.1 and increments the
R_INCORRECT_SNP counter (refer to “R_INCORRECT_SNP Word Format” on page 158). If
the RALP cannot correct the cell, it identifies the cell as invalid.
If the DISABLE_SN bit (refer to “DISABLE_SN” on page 160) has not been set for this queue,
then sequence number processing is done in accordance with the “Fast SN Algorithm” described
in ITU-T Recommendation I.363.1. Based on the value of the current SN and SNP and the previ-
ous SN and SNP, the RALP either accepts the current cell, drops the current cell, or accepts the
current cell and inserts cells. Inserted cells have the following properties:
•
If the queue is in an unstructured mode or if the queue is in structured mode and the
inserted cell should not contain a pointer, each inserted cell contains the number of
payload bytes as determined by R_BYTES_CELL in R_MP_CONFIG (refer to “R_MP_
CONFIG Word Format” on page 155).
•
If the queue is in a structured mode and the inserted cell should contain a pointer and R_
BYTES_CELL is equal to 47, then the inserted cell contains 46 payload bytes.
•
If the queue is in a structured mode and the inserted cell should contain a pointer and R_
BYTES_CELL is less than 47, then the inserted cell contains R_BYTES_CELL payload
bytes.
Figure 31.
Cell Header Interpretation
15
14
13
12
11
10
9876
543210
Queue MOD 32
Line
Ignored
Ignored
VCI
Data
11
10
987654
3210
Ignored
11
10
98765
43210
Ignored
15
14
13
12
11
10
987654
3210
Ignored
Queue MOD 32
Line
SHIFT_VCI = 0
VPI
VCI
SHIFT_VCI = 1
VPI
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com