Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM73121 Datasheet HTML 1Page - PMC-Sierra, Inc PM73121 Datasheet HTML 2Page - PMC-Sierra, Inc PM73121 Datasheet HTML 3Page - PMC-Sierra, Inc PM73121 Datasheet HTML 4Page - PMC-Sierra, Inc PM73121 Datasheet HTML 5Page - PMC-Sierra, Inc PM73121 Datasheet HTML 6Page - PMC-Sierra, Inc PM73121 Datasheet HTML 7Page - PMC-Sierra, Inc PM73121 Datasheet HTML 8Page - PMC-Sierra, Inc PM73121 Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@
WHAT’S NEW IN THIS DATA SHEET?
This revision history documents the changes that occur from one data sheet version to the next version.
From Version
To Version
Major Changes
Issue 2
Issue 3
• Corrected the Function description in section 7.8.12
“R_OAM_QUEUE”, on page 163.
• Removed “Preliminary” from the headers.
• Removed the “P” suffix from the part number in Appendix 29,
“Ordering Information”, on page 205.
• Changed the following timing parameters:
• Interrupt Timing: PROC_INTR Tq(max) from 16.5 ns to 17
ns.
• Microprocessor RAM Read Cycle: /MEM_CS Tq(max)
from 17.7 ns to 18 ns.
• Microprocessor RAM Read Cycle: Tqmoe(max) from 24.7
ns to 25 ns.
• Microprocessor RAM Write Cycle: /PROC_ACK Tq(max)
from 17.5 ns to 18 ns.
• Microprocessor RAM Write Cycle: /MEM_CS Tq(max)
from 17.7 ns to 18 ns.
• Microprocessor Write Command Register: /PROC_ACK
Tq(max) from 17.5 ns to 18 ns.
• Transmit Side Interface: RL_SER Th(min) from 1.2 ns to 2
ns.
• Transmit Side High-Speed Interface: RL_SER Th(min) from
1.2 ns to 2 ns.
• Transmit UTOPIA ATM Timing: TATM_DATA Tq(max)
from 12.7 ns to 13 ns.
• TUTOPIA SPHY Timing: RPHY_DATA Tq(max) from
12.7 ns to 13 ns.
• TUTOPIA MPHY Timing: RPHY_DATA Tq(max) from
12.7 ns to 13 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com