Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 28Page - PMC-Sierra, Inc PM73121 Datasheet HTML 29Page - PMC-Sierra, Inc PM73121 Datasheet HTML 30Page - PMC-Sierra, Inc PM73121 Datasheet HTML 31Page - PMC-Sierra, Inc PM73121 Datasheet HTML 32Page - PMC-Sierra, Inc PM73121 Datasheet HTML 33Page - PMC-Sierra, Inc PM73121 Datasheet HTML 34Page - PMC-Sierra, Inc PM73121 Datasheet HTML 35Page - PMC-Sierra, Inc PM73121 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

(DS0s), which are 64 Kbit/s channels, the AAL1gator II is an ideal vehicle for constructing
ATM-based DACS and other circuit emulation devices. Structured data format is suited for these
types of networks and underlying services. The SDF-MF mode is primarily used for applications
that need to pass CAS, which carries the ABCD signaling bits. CAS is still common in many
TDM networks. The SDF-FR mode, which transfers no signaling, is also supported.
In SDF-MF mode, individual queues can be configured to transfer no signaling. This is the equiv-
alent to SDF-FR mode for a given queue.
2.1.1
Structured Cell Formats
Figure 8 shows examples of four structured cell formats. In the partially filled cell examples, the
partially filled level has been set to 42 payload bytes.
Figure 8.
Examples of Structured Cell Formats
GFC/VPI
VPI
VPI
VCI
VCI
VCI
PTI
CLP
HEC
CSI
SN
SNP
Pointer
Payload 1
Payload 46
.
.
.
Cell with Pointer
46 Payload Bytes
GFC/VPI
VPI
VPI
VCI
VCI
VCI
PTI
CLP
HEC
CSI
SN
SNP
Payload 1
Payload 2
Payload 47
.
.
.
Cell without Pointer
47 Payload Bytes
GFC/VPI
VPI
VPI
VCI
VCI
VCI
PTI
CLP
HEC
CSI
SN
SNP
Pointer
Payload 1
Payload 42
.
.
.
Partially Filled Cell with Pointer
42 Payload Bytes
GFC/VPI
VPI
VPI
VCI
VCI
VCI
PTI
CLP
HEC
CSI
SN
SNP
Payload 1
Payload 2
Partially Filled Cell without Pointer
42 Payload Bytes
Payload 42
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com