Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 45Page - PMC-Sierra, Inc PM73121 Datasheet HTML 46Page - PMC-Sierra, Inc PM73121 Datasheet HTML 47Page - PMC-Sierra, Inc PM73121 Datasheet HTML 48Page - PMC-Sierra, Inc PM73121 Datasheet HTML 49Page - PMC-Sierra, Inc PM73121 Datasheet HTML 50Page - PMC-Sierra, Inc PM73121 Datasheet HTML 51Page - PMC-Sierra, Inc PM73121 Datasheet HTML 52Page - PMC-Sierra, Inc PM73121 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

and Figure 21 shows the contents of the transmit signaling buffer for the different signaling
modes.
3.1.1
Transmit Conditioning
The T_COND_DATA structure allows conditional data to be defined on a per-DS0 basis. The
structure T_COND_SIG allows conditioned signaling to be defined on a per-DS0 basis. The TX_
COND bit in the T_QUEUE_TBL allows the cell building logic (described in section 3.3 “Trans-
mit Adaptation Layer Processor (TALP)” on page 38) to be directed to build cells from the condi-
tioned data and signaling. The TX_COND bit can be set on a per-queue basis.
3.1.2
Transmit Signaling Freezing
Signaling freezing is a required function when transporting CAS. This function holds the signal-
ing unchanged when the incoming line fails. The PMC-Sierra framers provide this function. If a
framer is used that does not support signaling freezing, this function must be provided externally.
3.1.3
SRTS for the Transmit Side
NOTE: The AAL1gator II uses Bellcore’s patented SRTS clock recovery technique. Refer to
the NOTE on page 172 for additional information regarding Bellcore’s SRTS patent.
Figure 21.
SDF-MF Format of the T_SIGNALING_BUFFER (T1 and E1 Modes)
Word 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15
0
Bit
CH1
3
5
7
9
11
13
15
17
19
21
CH0
2
4
6
8
10
12
14
16
18
20
22
NOTE: The upper nibble of each byte is 0.
T1 format uses word addresses 0 to 11.
CH30
25
24
26
27
28
29
CH31
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com