Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 82Page - PMC-Sierra, Inc PM73121 Datasheet HTML 83Page - PMC-Sierra, Inc PM73121 Datasheet HTML 84Page - PMC-Sierra, Inc PM73121 Datasheet HTML 85Page - PMC-Sierra, Inc PM73121 Datasheet HTML 86Page - PMC-Sierra, Inc PM73121 Datasheet HTML 87Page - PMC-Sierra, Inc PM73121 Datasheet HTML 88Page - PMC-Sierra, Inc PM73121 Datasheet HTML 89Page - PMC-Sierra, Inc PM73121 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

The AAL1gator II will generate the TL_CLK based on the value of CLK_SOURCE bits in LIN_
STR_MODE (refer to section 7.4.3 “LIN_STR_MODE” on page 126). Once the LIN_STR_
MODE and line mode information is read, the TL_CLK switches to the desired clock. The four
clock choices are: looped RL_CLK, synthesized nominal E1 or T1 clock, a synthesized clock
based on the SRTS received values, or an externally generated clock.
For the period of time after the AAL1gator II receives a hardware reset and before the LIN_STR_
MODE is read, the TL_CLK operation is dependent on TLCLK_OUTPUT_EN. If the TLCLK_
OUTPUT_EN input is tied low, then the TL_CLK pins are inputs and the clock is externally gen-
erated. And if TLCK_OUTPUT_EN is high, then TL_CLK defaults to the looped RL_CLK.
NOTES: • The TLCLK_OUTPUT_EN input controls all lines. Therefore TL_CLK will be
generated for all lines or for no lines upon power up. Once the LIN_STR_MODE
information is read, each individual TL_CLK may be generated differently
according to the CLK_SOURCE bits for that queue. There will be a discontinuity
in the clock when switching from one source to another.
• If a synthesized clock is selected but SW_RESET (refer to “SW_RESET” on
page 165) is set, the output clock will be “0”. To maintain a continuous clock,
define the CLK_SOURCE bits equal to the default value the first time the CMD_
REG_ATTN bit is written (SW_RESET = “1”). Then when clearing SW_RESET,
set the CLK_SOURCE bits to the desired value and set the CMD_REG_ATTN
bit again. This will read the old configuration values, but with the new CLK_
SOURCE values.
3.7.1.1
Recovered Mode
Set the CLK_SOURCE bits in the LIN_STR_MODE register for that line to “01”, to generate a
clock based on the received RL_CLK. This will put the line into recovered mode. This change
will not take affect until the CMD_REG_ATTN bit is set.
3.7.1.2
Synthesize a Nominal E1 or T1 Clock
To generate a nominal E1 or T1 clock, set the CLK_SOURCE bits in the LIN_STR_MODE reg-
ister for that line to “10”. This change will not take affect until the CMD_REG_ATTN bit is set.
The AAL1gator II can synthesize a nominal E1 clock or T1 clock that is derived from SYS_CLK.
For this mode, SYS_CLK must be 38.88 MHz. The accuracy of the synthesized clock is depen-
dent on the accuracy of SYS_CLK. Therefore, if a 50 ppm T1 clock is desired, SYS_CLK needs
to be a 38.88 MHz clock signal with 50 ppm accuracy. To lock the synthesized clock to a network
clock, be sure SYS_CLK is derived from the network clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com