Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 75Page - PMC-Sierra, Inc PM73121 Datasheet HTML 76Page - PMC-Sierra, Inc PM73121 Datasheet HTML 77Page - PMC-Sierra, Inc PM73121 Datasheet HTML 78Page - PMC-Sierra, Inc PM73121 Datasheet HTML 79Page - PMC-Sierra, Inc PM73121 Datasheet HTML 80Page - PMC-Sierra, Inc PM73121 Datasheet HTML 81Page - PMC-Sierra, Inc PM73121 Datasheet HTML 82Page - PMC-Sierra, Inc PM73121 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 46 shows the state machine that checks for valid pointers and structures.
3.6.4
Overrun
Overrun occurs when the data in the buffer is removed at a slower rate than it is filled. However,
because the AAL1gator II buffers are quite large, 16 kBytes per line, by the time this happens, all
data in the buffer can be quite old. Therefore, the buffer size is adjustable, which regulates how
much data can be stored in the buffer before an overrun occurs. The R_MAX_BUF field in the R_
MAX_BUF register controls the maximum size of the receive buffer. The value of R_MAX_BUF
should be equal to or greater than two times CDVT, or two times the number of frames required
per cell, whichever is greater.
The overrun condition is declared when the data in the receive buffer exceeds the maximum spec-
ified buffer size (refer to “R_MAX_BUF Word Format” on page 157). When a cell is received
that causes the maximum buffer depth to be exceeded, the OVERRUN sticky bit is set and the
AAL1gator II enters the forced underrun condition. The incoming cells for the queue are dropped
until underrun occurs. Each time a cell is received and dropped in the forced underrun condition,
Figure 46.
Pointer/Structure State Machine
Pointer does not
match prediction
(or parity bad and
checking parity) or
out-of-sequence or
invalid cell received
Non-dummy pointer
found and parity
good (or not
checking parity)
No pointer
found
Structure Found
Underrun or
force-underrun
Underrun or
force-underrun
Structure
found
Pointer does not
match prediction or
underrun or
force-underrun (or
checking parity and
Pointer matches
prediction and parity
good (or not
checking parity)
Pointer matches prediction
and parity good (or not
checking parity)
Pointer Found
Underrun
One Mismatch
(Signaling is not
updated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com