Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 48Page - PMC-Sierra, Inc PM73121 Datasheet HTML 49Page - PMC-Sierra, Inc PM73121 Datasheet HTML 50Page - PMC-Sierra, Inc PM73121 Datasheet HTML 51Page - PMC-Sierra, Inc PM73121 Datasheet HTML 52Page - PMC-Sierra, Inc PM73121 Datasheet HTML 53Page - PMC-Sierra, Inc PM73121 Datasheet HTML 54Page - PMC-Sierra, Inc PM73121 Datasheet HTML 55Page - PMC-Sierra, Inc PM73121 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 23 shows how the CSD assigns credits to determine in which frames cells should be sent.
The following is an example of the calculations the CSD circuit performs. This example assumes
a structured line with four channels allocated to one queue.
1. The TFTC writes Line 3 and Frame 4 to the FR_ADVANCE_FIFO.
2. The CSD circuit determines the queue for which a cell is ready by finding a set bit in the
Transmit Calendar. In this example, it is queue number 100.
3. The CSD circuit reads the number of credits for queue number 100. The number of credits is
always greater than 47 because it is ready for service. In this example, QUE_CREDITS =
59.375.
4. The CSD circuit subtracts AVG_SUB_VALU, the average number of credits spent per cell.
(Remember: For structured lines, the average number of credits per cell is 46-7/8. For unstruc-
tured lines, the average number of credits per cell is 47.)
Credits = 59.375 - 46.875
Credits = 12.5
5. The frame differential for the next service is computed from the number of credits needed to
exceed 47 and NUM_CHAN, the number of channels allocated per frame.
47 - 12.5 = 34.5
34.5
÷ 4 = 8.625
Round 8.625 up, so the frame differential is 9.
6. Therefore, the next cell will be sent nine frames ahead of the current cell.
Next frame = present frame number
+ 9
Figure 23.
Frame Advance FIFO Operation
FR_ADVANCE_FIFO
CSD
Frame Boundaries
RL_SER(0)
RL_FSYNC(0)
TFTC
The TFTC sees
frame advance and
records this in the
FR_ADVANCE_FIFO
RL_SER(1)
RL_FSYNC(1)
The CSD reads
frame advances
and determines
cells to be sent
Set
NEXT_
SERV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com