Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 2Page - PMC-Sierra, Inc PM73121 Datasheet HTML 3Page - PMC-Sierra, Inc PM73121 Datasheet HTML 4Page - PMC-Sierra, Inc PM73121 Datasheet HTML 5Page - PMC-Sierra, Inc PM73121 Datasheet HTML 6Page - PMC-Sierra, Inc PM73121 Datasheet HTML 7Page - PMC-Sierra, Inc PM73121 Datasheet HTML 8Page - PMC-Sierra, Inc PM73121 Datasheet HTML 9Page - PMC-Sierra, Inc PM73121 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@
01/21/98
04/17/98
•Under section 6.5.1 “RAM Timing” starting on page 103, changed
from “12 ns or 15 ns SRAMs” to “12 ns SRAMs”, changed from
“data setup time of 8 ns” to “data setup time of 7 ns”, and changed
from “SYS_CLK is 38.88 MHz” to “SYS_CLK is 40 MHz”.
• In the table after Figure 80 on page 119, changed the Fc maximum
value from “38.89” to “40.00”.
•Under “QUEUE_CONFIG Word Format” section starting on
page 135, added the second and third bullet to the note for the
“FRAMES_PER_CELL” description and the note for the
“BYTES_PER_CELL” description.
•Under section 7.8.6 “R_CH_TO_QUEUE_TBL”, on page 148,
added the sixth sentence to the Function description.
•Under section 8.6 “Board Requirements for the SRAM Interface”
starting on page 174, changed the third paragraph from “SRAMs
must be 15 ns or faster” to “SRAMS must be 12 ns or faster”,
changed from “data setup of 8 ns” to “data setup of 7 ns” and
deleted the following four sentences.
•Added section 8.7 “UDF-HS Mode SRTS-Based Clock Recovery
Application for DS3” starting on page 180, section 8.8
“Interfacing with the Mitel MT8980 Digital Switch”, on page 182,
section 8.9 “Interfacing with the ATM Cell Multiplexer (WAC-
185-B-X)”, on page 183, and section 8.10 “Jitter Characteristics
of Clock Synthesis Logic” on page 185.
10/17/97
(first version of the
WAC-121-A
User’s Manual)
01/21/98
• In the first sentence under “Description” on page 1, added E3 to
the list of lines supported.
• Under section 2.2 “Circuit Interface Features” starting on page 16,
added the Dallas Semiconductor part DS2152 to the second bullet,
added the Dallas Semiconductor part DS2154 to the third bullet,
deleted the IgT DS3 Framer (TAC-030-A), and deleted the Dallas
part number DS2180A.
• Under section 2.4 “Receive Interface Features” on page 18,
changed the fourth bullet text from “0 to 48 ms” to “0 to 24 ms”.
• Under section 2.5 “Statistics” starting on page 19, deleted text
from the fourth bullet and added the fourth sentence in the first
paragraph on page 20.
• Under section 2.7 “SRTS and Transmit Line Interface Clock
Configurations” on page 21, and section 3.1. “SRTS for the
Transmit Side” added the NOTE regarding Bellcore’s SRTS
patent.
From Version
To Version
Major Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com