Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 94 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 94 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 90Page - PMC-Sierra, Inc PM73121 Datasheet HTML 91Page - PMC-Sierra, Inc PM73121 Datasheet HTML 92Page - PMC-Sierra, Inc PM73121 Datasheet HTML 93Page - PMC-Sierra, Inc PM73121 Datasheet HTML 94Page - PMC-Sierra, Inc PM73121 Datasheet HTML 95Page - PMC-Sierra, Inc PM73121 Datasheet HTML 96Page - PMC-Sierra, Inc PM73121 Datasheet HTML 97Page - PMC-Sierra, Inc PM73121 Datasheet HTML 98Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 53. 240-Pin Physical Dimensions Diagram (Part 2 of 2)
Datum Plane
Measurements are shown in
millimeters. Not drawn to scale.
0.50 ± 0.20
-E-
Seating
Plane
-C-
Base
Plane
0.23 ± 0.05
(lead width)
(NOTE 5)
NOTES:
1.
Datum plane -E- is located at the mold parting line and is coincident with the bottom of the leads where the leads
exit the plastic body.
2.
Datums -A-, -B-, and -D- to be determined at datum plane -E-.
3.
To be determined at seating plane -C-.
4.
These dimensions do not include mold protrusion. Allowable protrusion is 0.25 mm per side. These dimensions do
not include mold mismatch and are determined at datum plane -E-.
5.
This dimension does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess
of this dimension at maximum material condition. Dambar cannot be located on the lower radius or the foot.
Minimum spacing between adjacent leads to be 0.07 mm.
6.
Coplanarity = 0.08 mm and is the difference between the highest lead and the seating plane, -C-.
7.
Controlling dimension = millimeter.
8.
If you need a measurement not shown in this figure, please contact PMC-Sierra.
Cross Section
of Lead
(NOTE 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com