Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 34Page - PMC-Sierra, Inc PM73121 Datasheet HTML 35Page - PMC-Sierra, Inc PM73121 Datasheet HTML 36Page - PMC-Sierra, Inc PM73121 Datasheet HTML 37Page - PMC-Sierra, Inc PM73121 Datasheet HTML 38Page - PMC-Sierra, Inc PM73121 Datasheet HTML 39Page - PMC-Sierra, Inc PM73121 Datasheet HTML 40Page - PMC-Sierra, Inc PM73121 Datasheet HTML 41Page - PMC-Sierra, Inc PM73121 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

occurrences of each type of event. If a count is required, the counters should be used instead. The
status bits for the receive error conditions on each queue are maintained in a single-data word.
When a set bit is detected, this single-data word should be cleared immediately.
NOTE: As new events can occur between the read of the status bits and the write to clear the
status bits, the status bits should be used for statistics gathering only.
2.6
Interrupts
The AAL1gator II asserts the interrupt line whenever an OAM cell arrives and the interrupt mask
is deasserted. The interrupt can be cleared by asserting OAM_INT_MASK or by asserting CLR_
RX_OAM_LATCH. Refer to section 7.9 “CMDREG (Command Register)” on page 165.
2.7
SRTS and Transmit Line Interface Clock Configurations
The AAL1gator II provides the following transmit line interface clock configurations on a
per-line basis:
•
Drives TL_CLK(i) with the looped-back RL_CLK(i).
•
Drives TL_CLK(i) with the SRTS-derived clock.
•
Drives TL_CLK(i) with a nominal T1/E1 clock of 1.544 MHz or 2.048 MHz.
•
Accepts TL_CLK(i) as an input.
NOTE: The AAL1gator II uses Bellcore’s patented SRTS clock recovery technique. Refer to
the NOTE on page 172 for additional information regarding Bellcore’s SRTS patent.
The AAL1gator II also provides the following external TL_CLK generation options through the
multiplexed SRTS output port. These options can be used when the AAL1gator II accepts TL_
CLK(i) as an input:
•
The AAL1gator II drives SRTS information out of the SRTS port. An external circuit can
use this information to synthesize an SRTS-based TL_CLK. (Provided for backward
compatibility with the WAC-021-C-X.)
•
The AAL1gator II drives adaptive clocking information out of the SRTS port. An external
circuit can use this information to synthesize an adaptive (based on
receive-buffer-centering) TL_CLK.
2.8
Peak Cell Rates (PCRs)
For purposes of discussion, the following PCR information is assumed:
•
Full cells are used,
•
The PCR numbers are per line, and
•
The SYS_CLK is 38.88 MHz.
2.8.1
Peak Cell Rates (PCRs) for Structured Cell Formats
•
PCR
≤ 176 × n cells per second where 1 ≤ n ≤ 32 (assuming completely filled cells).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com