Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 33Page - PMC-Sierra, Inc PM73121 Datasheet HTML 34Page - PMC-Sierra, Inc PM73121 Datasheet HTML 35Page - PMC-Sierra, Inc PM73121 Datasheet HTML 36Page - PMC-Sierra, Inc PM73121 Datasheet HTML 37Page - PMC-Sierra, Inc PM73121 Datasheet HTML 38Page - PMC-Sierra, Inc PM73121 Datasheet HTML 39Page - PMC-Sierra, Inc PM73121 Datasheet HTML 40Page - PMC-Sierra, Inc PM73121 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Sticky bits for the following events are also maintained on a per-queue basis in memory (refer to
“R_ERROR_STKY Word Format” on page 158):
•
A cell was received while the queue was in underrun.
•
Receive overrun: a cell was received, causing the maximum buffer depth to be exceeded.
This event causes a forced underrun condition.
•
A resume function has occurred: a cell was received and placed in the receive buffer
causing an end to the underrun condition.
•
A cell was dropped in accordance with Recommendation I.363.1 “Fast SN Algorithm”.
This event causes a forced underrun condition.
•
A cell was dropped because of a forced underrun.
•
A cell was dropped because of a blank allocation table or disabled receiver.
•
A cell was received.
•
A cell was dropped because a valid pointer was not found while the queue was in the
underrun condition.
•
A valid pointer was received.
•
An errored pointer was received (parity check failed).
•
An SRTS resume occurred.
•
A cell was received while the SRTS queue was in underrun.
•
A cell was dropped because a pointer mismatch occurred causing a forced underrun
condition.
The AAL1gator II sets the status bits every time it detects one of the events listed previously. The
microprocessor clears the status bits after it recognizes the event. Because these bits will be polled
at a low rate, relative to their occurrence, it is not possible to determine the exact number of
R_POINTER_REFRAMES
256
Count of pointer reframes.
R_PTR_PAR_ERR
256
Count of pointer parity errors.
R_MISINSERTED
256
Count of misinserted cells.
T_CELL_CNT
256
Count of billable data cells transmitted to the UTOPIA interface.
T_COND_CELL_CNT
256
Counts data conditioned cells transmitted to the UTOPIA interface.
T_SUPPRESSED_CELL_CNT
256
Counts cells not sent because of a line resynchronization, or, if the
device was in UDF-HS mode, because TX_ACTIVE is set. Also if
SUPPRESS_TRANSMISSION is set, any cells not sent will
increment this counter.
Table 2.
Statistics Counters (Continued)
Counter Name
Number of
Counters
Counter Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com