Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 72Page - PMC-Sierra, Inc PM73121 Datasheet HTML 73Page - PMC-Sierra, Inc PM73121 Datasheet HTML 74Page - PMC-Sierra, Inc PM73121 Datasheet HTML 75Page - PMC-Sierra, Inc PM73121 Datasheet HTML 76Page - PMC-Sierra, Inc PM73121 Datasheet HTML 77Page - PMC-Sierra, Inc PM73121 Datasheet HTML 78Page - PMC-Sierra, Inc PM73121 Datasheet HTML 79Page - PMC-Sierra, Inc PM73121 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 45 shows the contents of the receive signaling buffer with an E1 line in the SDF-MF mode
with T1 signaling. Even channel bytes are stored in the low-byte end of the data words.
3.6.1
Handling Data and Signaling Bytes in a Structure
A data structure consists of all of the data bytes for that structure, followed by all of the signaling
bytes for that structure, if any. In order to locate the data and signaling bytes, the following mem-
ory structures are used:
•
The R_TOT_SIZE structure provides the number of data and signaling bytes in a
structure. An element can be a data byte or a signaling nibble. This value is initialized by
the microprocessor.
•
The R_TOT_LEFT structure provides the running count of the number of bytes remaining
in the structure.
•
The R_DATA_LAST structure identifies the last byte of the data structure. As the data
bytes are stored in memory, the R_TOT_LEFT structure is decremented by one. When R_
TOT_LEFT is equal to R_DATA_LAST, it indicates the end of the data structure. The
remaining bytes are stored in the R_SIG_QUEUE. The signaling nibbles are written to the
memory until the R_TOT_LEFT equals zero. Once R_TOT_LEFT is zero, R_TOT_SIZE
is copied to R_TOT_LEFT and the storing of data and signaling structures is repeated. R_
TOT_SIZE and R_DAT_LAST are initialized by the microprocessor.
•
The structure used for signaling is determined by the mode of the line and the value of E1_
WITH_T1_SIG (refer to “E1_WITH_T1_SIG” on page 126). Normally the signaling
structure will follow the mode of the line. However if the line is in E1 mode and E1_
WITH_T1_SIG is set, then a T1 signaling structure is used. This means that for a single
DS0, signaling is updated after 24 data bytes instead of after 16 data bytes.
Figure 45.
E1 SDF-MF Mode with T1 Signaling Format of the R_SIG_BUFFER
0
15
Channel 0
ABCD
Channel 1
ABCD
Channel 31
ABCD
Channel 30
ABCD
Byte Address
Multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com