Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 65Page - PMC-Sierra, Inc PM73121 Datasheet HTML 66Page - PMC-Sierra, Inc PM73121 Datasheet HTML 67Page - PMC-Sierra, Inc PM73121 Datasheet HTML 68Page - PMC-Sierra, Inc PM73121 Datasheet HTML 69Page - PMC-Sierra, Inc PM73121 Datasheet HTML 70Page - PMC-Sierra, Inc PM73121 Datasheet HTML 71Page - PMC-Sierra, Inc PM73121 Datasheet HTML 72Page - PMC-Sierra, Inc PM73121 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

If the cell is accepted, the RALP then transfers the cell to the external memory using the R_
CHAN_ALLOC fields in the R_QUEUE_TBL. Figure 32 shows this receive cell process. If a
valid cell is not received in time, the queue may enter an underrun condition.
The CDVT value allows the receiver to be configured to store a variable amount of data for that
queue before data is emitted. This storage permits the cells to arrive with variable delays without
causing errors on the line outputs. This CDVT value is used when the first cell is received after an
underrun. The AAL1gator II also provides protection from buffer overrun and pointer misalign-
ment.
The RALP reads the ATM cell from the RUTOPIA FIFO, verifies the header, and determines the
queue to which the cell belongs. It then locates the data bytes of the cell and writes them into
frame buffers provided for that line. Receive queues exist in the external memory, and 128 kBytes
Figure 33.
Receive Cell Processing
Wait for a cell in the
receive UTOPIA FIFO.
Is the cell a
data cell?
No
Check CRC-10 and place
cell in OAM queue.
Yes
Is SNP
correct?
Correct SN/SNP as specified
in ITU-T Recommendation
I.363.1 (refer to Appendix B
“References” on page 203).
Able to correct
Is SN
correct?
No
Yes
Place data and signaling in
appropriate timeslots and
update write pointers.
Accept/drop cell as specified
in ITU-T Recommendation
I.363.1 “Fast SN Algorithm”
(refer to Appendix B
“References” on page 203).
Drop
Accept
Unable to correct
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com