Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 57 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 57 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 53Page - PMC-Sierra, Inc PM73121 Datasheet HTML 54Page - PMC-Sierra, Inc PM73121 Datasheet HTML 55Page - PMC-Sierra, Inc PM73121 Datasheet HTML 56Page - PMC-Sierra, Inc PM73121 Datasheet HTML 57Page - PMC-Sierra, Inc PM73121 Datasheet HTML 58Page - PMC-Sierra, Inc PM73121 Datasheet HTML 59Page - PMC-Sierra, Inc PM73121 Datasheet HTML 60Page - PMC-Sierra, Inc PM73121 Datasheet HTML 61Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

no pointer, set T_CHAN_UNSTRUCT = 1 in the QUEUE_CONFIG word of the T_QUEUE_
TBL.
4. The TALP fills the rest of the cell payload with data and/or signaling information. The T_
CHAN_ALLOC table (refer to section 7.6.8 “T_QUEUE_TBL” on page 134) determines
which channels are dedicated to which queue. If a bit is set, the channel represented by that bit
is assigned to that queue. The TALP successively writes the data from the marked channels
into the UTOPIA interface. A queue-based parameter, BYTES_PER_CELL, decides when
enough payload bytes have been obtained. If this number is fewer than 47, then the remaining
bytes for the cell are loaded with P_FILL_CHAR. This implies that because of the presence of
the structure pointer, the number of fill bytes will not be constant for structured data queues.
5. The structure used for signaling is determined by the mode of the line and the value of
E1_WITH_T1_SIG. Normally the signaling structure will follow the mode of the line.
However, if the line is in E1 mode and E1_WITH_T1_SIG is set, then a T1 signaling
structure is used. This means that for a single DS0, signaling is inserted after 24 data
bytes instead of after 16 data bytes. If data is to be sent from the data queue, this process
continues byte-by-byte while updating pointers and counters until one of the following
occurs:
•
The cell is complete.
•
The last data byte for the last frame of the multiframe has been set.
6. When signaling information is to be sent, data is obtained from the signaling locations of the
multiframe, with the help of the channel allocation table (T_CHAN_ALLOC). This process
proceeds byte-by-byte until one of the following occurs:
•
The cell is complete.
•
All signaling nibbles for all channels assigned to the queue have been sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com