Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 84Page - PMC-Sierra, Inc PM73121 Datasheet HTML 85Page - PMC-Sierra, Inc PM73121 Datasheet HTML 86Page - PMC-Sierra, Inc PM73121 Datasheet HTML 87Page - PMC-Sierra, Inc PM73121 Datasheet HTML 88Page - PMC-Sierra, Inc PM73121 Datasheet HTML 89Page - PMC-Sierra, Inc PM73121 Datasheet HTML 90Page - PMC-Sierra, Inc PM73121 Datasheet HTML 91Page - PMC-Sierra, Inc PM73121 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

which requires an external Voltage Controlled Crystal Oscillator (VCXO) to generate the clock.
Refer to section 8.7 “UDF-HS Mode SRTS-Based Clock Recovery Application for DS3” on page
180 for an application note on high speed SRTS.
The E1 SRTS synthesizer can generate an E1 clock over a ± 90 ppm range, while the T1 SRTS
synthesizer can generate a T1 clock over a ± 200 ppm range to accommodate older T1 equipment.
Due to the T1 synthesizer’s wider range, it has a more jitter than the E1 synthesizer. While the E1
synthesizer falls well within the G.823 jitter mask, the T1 synthesizer has a spike at 8 kHz that
exceeds the mask. However, in both cases using an LIU with a built-in jitter attenuator, such as
the Level One® LXT305A, eliminates most of the jitter and is recommended when using SRTS.
Refer to section 8.10.3 “SRTS T1 Clock” on page 188 and section 8.10.4 “SRTS E1 Clock” on
page 191 for the jitter characteristics of the SRTS synthesizer both with and without the external
jitter attenuator.
3.7.2
Adaptive Clock Operation
The adaptive clock provides a queue depth difference for control of an external clock. If the depth
is low, then the clock frequency should be reduced. If the depth is high, then the clock frequency
should be increased. If no data is received, the channel status specifies to either freeze the external
clock or to set it to a nominal rate.
The AAL1gator II supports adaptive clocking in SDF-FR, SDF-MF, and UDF-ML modes. It sup-
ports adaptive clocking for all connection types within these three modes, including those with
partially filled cells or only a single DS0. The device does not support adaptive clocking in
UDF-HS mode.
Figure 51.
Receive Side SRTS Support
Cell Reception
Server Clock Frequency
TL_CLK
Input Reference Clock Frequency
N_CLK
(For T1/E1, 2.43 MHz. For T3, 77.76 MHz.)
Latch
Divide By 3008
4-Bit Latch
4-Bit Counter
Local 4-Bit SRTS Code
4 Bits
Remote 4-Bit
SRTS-Code FIFO
Difference Between
Remote SRTS Code and
Local SRTS Code.
4 Bits
SRTS
Queue
SRTS Bit
Extraction
R_SRTS_CDVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com