Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 59Page - PMC-Sierra, Inc PM73121 Datasheet HTML 60Page - PMC-Sierra, Inc PM73121 Datasheet HTML 61Page - PMC-Sierra, Inc PM73121 Datasheet HTML 62Page - PMC-Sierra, Inc PM73121 Datasheet HTML 63Page - PMC-Sierra, Inc PM73121 Datasheet HTML 64Page - PMC-Sierra, Inc PM73121 Datasheet HTML 65Page - PMC-Sierra, Inc PM73121 Datasheet HTML 66Page - PMC-Sierra, Inc PM73121 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

CLAV signal will not be asserted again until the device is ready to accept an entire cell. If the
FIFO is filling, TPHY_CLAV will be deasserted when there is room for only four more bytes of
data. See Figure 29 and Figure 30 for the RUTOPIA transfer timing diagrams.
3.6
Receive Adaptation Layer Processor (RALP)
The RALP moves data from the receive FIFO ATM cells in the RUTOPIA interface block to the
external memory. The RALP does not verify the HEC because it expects a PHY layer device to
verify the HEC before presenting the cell to the AAL1gator II.
If SHIFT_VCI = 0, cells received with VCI(8) = 0 or Payload Type Indicator (PTI) = 4 to 7 are
sent to the OAM queue and are stored using the pointers located in the OAM receive queue table.
The head pointer is the address to the first cell received for each queue, and is usually maintained
* Only used in MPHY mode
** For MPHY mode
*** For SPHY mode
Figure 29.
RUTOPIA Start-of-Transfer Timing
* Only used in MPHY mode
** For MPHY mode
*** For SPHY mode
Figure 30.
RUTOPIA End-of-Transfer Timing
D1
D2
D
D3
TPHY_CLK(i)
TPHY_ADDR(i)*
TPHY_CLAV(o)**
TPHY_CLAV***
TPHY_DATA(i)
TPHY_SOC(i)
/TPHY_EN(i)
D47
D48
D49
D50
D51
D52
D53
TPHY_CLK(i)
TPHY_ADDR(i)*
TPHY_CLAV(o)**
TPHY_CLAV***
TPHY_SOC
TPHY_DATA(i)
/TPHY_EN(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com