Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 3Page - PMC-Sierra, Inc PM73121 Datasheet HTML 4Page - PMC-Sierra, Inc PM73121 Datasheet HTML 5Page - PMC-Sierra, Inc PM73121 Datasheet HTML 6Page - PMC-Sierra, Inc PM73121 Datasheet HTML 7Page - PMC-Sierra, Inc PM73121 Datasheet HTML 8Page - PMC-Sierra, Inc PM73121 Datasheet HTML 9Page - PMC-Sierra, Inc PM73121 Datasheet HTML 10Page - PMC-Sierra, Inc PM73121 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@
10/17/97
(first version of the
WAC-121-A
User’s Manual)
01/21/98
• Under section 2.8.3 “Peak Cell Rates and Partial Cells”, on
page 22, changed the formula for TCGT
OAM.
•Under section 3.1.2 “Transmit Signaling Freezing”, on page 32,
added the Dallas Semiconductor part numbers DS2152 and
DS2154.
• Changed the signal name text in the parentheses in Figure 23 on
page 35.
•Added step 8 on page 25, step 9 on page 25, and step 10 on
page 25.
• Deleted the NOTE after step 10 on page 36 and added ten more
paragraphs.
•Added section 3.2.1 “Transmit CDV” starting on page 37.
•Under section 3.3.2.1 “Header Construction”, on page 39, revised
the fourth sentence.
•Under section 3.4 “Transmit UTOPIA Interface Block
(TUTOPIA)” starting on page 41, added the last two sentences to
the first paragraph on page 43.
•Under section 3.6 “Receive Adaptation Layer Processor (RALP)”
starting on page 46, changed the last sentence of the third
paragraph on page 47, added text to the second, sixth, and eight
bullets on page 50.
•Under section 3.6.2 “Underrun” starting on page 60, added text to
the third paragraph on page 60.
•Under section 3.6.3 “Pointer Processing”, on page 61, added to
text to the third paragraph.
•Under section 3.6.4 “Overrun” starting on page 62, added text to
the first and third paragraphs.
• Added step 6 to the NOTES in Figure 47 on page 64.
•Under section 3.6.5 “Counters and Sticky Bits”, on page 65,
revised the first paragraph.
•Under section 3.7 “Receive Frame Transfer Controller (RFTC)”
starting on page 65.
•Under section 3.7.1 “SRTS for the Receive Side” starting on
page 66, revised the first and second paragraphs on page 69.
• In the headings of the first columns in Table 3 on page 72 and in
Table 4 on page 72, changed “SRTS_PORT(3:0)” to
“SRTS_LINE(3:0)”.
•Under section 3.8 “Memory Interface and Arbitration Controller
(MIAC)” starting on page 74, added the last sentence to the third
paragraph.
•Added section 3.9 “Configuration”, on page 75.
From Version
To Version
Major Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com