Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 85Page - PMC-Sierra, Inc PM73121 Datasheet HTML 86Page - PMC-Sierra, Inc PM73121 Datasheet HTML 87Page - PMC-Sierra, Inc PM73121 Datasheet HTML 88Page - PMC-Sierra, Inc PM73121 Datasheet HTML 89Page - PMC-Sierra, Inc PM73121 Datasheet HTML 90Page - PMC-Sierra, Inc PM73121 Datasheet HTML 91Page - PMC-Sierra, Inc PM73121 Datasheet HTML 92Page - PMC-Sierra, Inc PM73121 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

The adaptive clocking mechanism shares the SRTS port with the SRTS mechanism. It operates
according to the following psuedocode:
If an SRTS difference value is ready, it is played out with SRTS_STRB asserted and
ADAP_STRB deasserted. The SRTS values have higher priority than the adaptive clock
values.
Else if a channel pair is being serviced, start a state machine to play out the channel status,
as shown in Table 3 on page 72, asserting ADAP_STRB as each state is played out.
Else if a cell is received and a valid frame difference can be computed, start a state
machine to play out the frame difference and queue number, as shown in Table 4 on
page 72, asserting ADAP_STRB as each state is played out.
The playout of the channel status may interrupt the playout of the frame difference at any point.
Table 3.
Channel Status
SRTS_LINE(3:0)
Value
SRTS_DOUT(3:0) Value
3210
15
0
line(2)
line(1)
line(0)
14
channel(4)
channel(3)
channel(2)
channel(1)
13
underrun_h
resume_h
underrun_1
resume_1
NOTES:
•
The underrun bit goes high when underrun occurs and will stay high until the underrun
condition is cleared.
•
Resume goes high when the underrun condition is cleared and goes low when the read
pointer equals the underrun_end pointer.
•
The status is played out once for every 16 receive line clocks.
•
The channel values (4:1) identify 16 channel pairs. The odd and even numbered channels of
each pair are carried by the high and low bits, respectively.
•
For UDF-ML mode, the values in channel (4:1) and underrun_l can be ignored. Line (2:0)
indicate the line number and underrun_h represents the queue status.
Table 4.
Frame Difference
SRTS_LINE(3:0)
Value
SRTS_DOUT(3:0) Value
3210
5
cell_vci(7)
cell_vci(6)
cell_vci(5)
cell_vci(4)
4
cell_vci(3)
cell_vci(2)
cell_vci(1)
cell_vci(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com