Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 40Page - PMC-Sierra, Inc PM73121 Datasheet HTML 41Page - PMC-Sierra, Inc PM73121 Datasheet HTML 42Page - PMC-Sierra, Inc PM73121 Datasheet HTML 43Page - PMC-Sierra, Inc PM73121 Datasheet HTML 44Page - PMC-Sierra, Inc PM73121 Datasheet HTML 45Page - PMC-Sierra, Inc PM73121 Datasheet HTML 46Page - PMC-Sierra, Inc PM73121 Datasheet HTML 47Page - PMC-Sierra, Inc PM73121 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Unstructured data is received without regard to the byte alignment of data within a frame and is
placed in the frame buffer in the order in which it arrives. Figure 13 shows the basic components
of the TFTC.
The receive line interface is primarily a serial-to-parallel converter. Serial data, which is derived
from the RL_SER pin, is supplied to a shift register. The shift register clock is the RL_CLK input
from the external framer. When the data has been properly shifted in, it is transferred to a 2-byte
holding register by an internally derived channel clock. This clock is derived from the line clock
and the framing information.
The channel clock also informs the line-to-memory interface that two data bytes are available
from the line. When the two bytes are available, a line attention signal is sent to the line encoder
block. However, because the channel clock is an asynchronous input to the line-to-memory inter-
face, it is passed through a synchronizer before it is supplied to the line encoder. Since there are
eight potential lines and each of them provides its own channel clock, they are synchronized
before being submitted to the line encoder.
The TFTC accommodates the T1 Super Frame (SF) mode by treating it like the Extended Super
Frame (ESF) format. The TFTC ignores every other frame pulse and captures signaling data only
on the last frame of odd SF multiframes. The formatting of data in the signaling buffers is highly
dependent on the operating mode. Refer to section 7.6.6 “RESERVED (Transmit Signaling
Buffer)” on page 132 for more information on the transmit signaling buffer.
Figure 13.
Transmit Frame Transfer Controller
External
Framer
External
Framer
Receive Line
Interface
Receive Line
Interface
Line Encoder
Line-to-Memory
Interface
Line Number
Channel Pair Number
Data
16
16
3
4
16
Line 0
Line 0
Line 7
Line 7
•
•
•
•
•
•
ATTN0
ATTN7
DATA0
DATA7
ANY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com