Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 19 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 15Page - PMC-Sierra, Inc PM73121 Datasheet HTML 16Page - PMC-Sierra, Inc PM73121 Datasheet HTML 17Page - PMC-Sierra, Inc PM73121 Datasheet HTML 18Page - PMC-Sierra, Inc PM73121 Datasheet HTML 19Page - PMC-Sierra, Inc PM73121 Datasheet HTML 20Page - PMC-Sierra, Inc PM73121 Datasheet HTML 21Page - PMC-Sierra, Inc PM73121 Datasheet HTML 22Page - PMC-Sierra, Inc PM73121 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Receive Cell Interface Features
•
Provides an ATM-layer or PHY-layer 33 MHz UTOPIA interface. Both SPHY and
MPHY modes are supported.
•
Provides per-VC queues.
•
Provides per-VC CDV tolerance settings.
•
Provides per-VC partially filled cell length settings.
•
Provides a supervisory receive queue for OAM cells.
•
Verifies and corrects sequence numbers in accordance with ITU-T Recommendation
I.363.1.
•
Processes sequence numbers in accordance with the “Fast SN Algorithm”, as specified in
the ITU-T Recommendation I.363.1.
•
Maintains bit integrity through individual errored cells or up to six lost cells. Takes into
account pointer bytes.
•
During underruns, can output fixed, pseudorandom, or old data.
•
Provides processor interrupts for OAM cell receptions.
•
Provides a multiplexed interface to external receive Phase-Locked Loops (PLLs) for
SRTS clock recovery for unstructured modes or adaptive clock recovery.
Statistics Features
•
Counts invalid Cyclic Redundancy Check (CRC) values for sequence numbers.
•
Counts OAM cells and dropped OAM cells.
•
Counts data cells transmitted per VC.
•
Counts conditioned data cells transmitted per VC.
•
Counts cells not transmitted due to line resynchronization per VC.
•
Counts cells received, dropped, lost, or misinserted per VC.
•
Counts cells with incorrect Sequence Number (SN) or incorrect Sequence Number
Protection (SNP).
•
Counts underrun occurrences per VC.
•
Counts overrun occurrences per VC.
•
Counts pointer reframes and pointer parity errors per VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com