Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 37Page - PMC-Sierra, Inc PM73121 Datasheet HTML 38Page - PMC-Sierra, Inc PM73121 Datasheet HTML 39Page - PMC-Sierra, Inc PM73121 Datasheet HTML 40Page - PMC-Sierra, Inc PM73121 Datasheet HTML 41Page - PMC-Sierra, Inc PM73121 Datasheet HTML 42Page - PMC-Sierra, Inc PM73121 Datasheet HTML 43Page - PMC-Sierra, Inc PM73121 Datasheet HTML 44Page - PMC-Sierra, Inc PM73121 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

3
THEORY OF OPERATIONS
The AAL1gator II is divided into the following major blocks, all of which are explained in this
section:
•
Transmit Frame Transfer Controller (TFTC) block
•
Cell Service Decision (CSD) block
•
Transmit Adaptation Layer Processor (TALP) block
•
Transmit UTOPIA Interface (TUTOPIA) block
•
Memory Interface and Arbitration Controller (MIAC) block
•
Receive Frame Transfer Controller (RFTC) block
•
Receive Adaptation Layer Processor (RALP) block
•
Receive UTOPIA Interface (RUTOPIA) block
Figure 10 shows a block diagram of the AAL1gator II and the sequence of events used to segment
and reassemble the CBR data.
1. TFTC stores line data into the memory, 16 bits at a time.
2. When the TFTC finishes writing a complete frame into the memory, it notifies the CSD of a
Figure 10.
AAL1gator II Block Diagram
Transmit
Frame
Transfer
Controller
(TFTC)
Transmit
Adaptation
Layer
Processor
(TALP)
Transmit
UTOPIA
Interface
Block
(TUTOPIA)
Memory
Interface and
Arbitration
Controller
(MIAC)
Receive
Frame
Transfer
Controller
(RFTC)
Receive
Adaptation
Layer
Processor
(RALP)
Receive
UTOPIA
Interface
Block
(RUTOPIA)
Input from Line
Output to UTOPIA
Input from UTOPIA
Output to Line
Microprocessor
Control Bus
To External Memory
Cell Service
Decision
(CSD)
1
2
3
4
5
6
9
8
7
10
AAL1gator II
(PM73121)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com