Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 36Page - PMC-Sierra, Inc PM73121 Datasheet HTML 37Page - PMC-Sierra, Inc PM73121 Datasheet HTML 38Page - PMC-Sierra, Inc PM73121 Datasheet HTML 39Page - PMC-Sierra, Inc PM73121 Datasheet HTML 40Page - PMC-Sierra, Inc PM73121 Datasheet HTML 41Page - PMC-Sierra, Inc PM73121 Datasheet HTML 42Page - PMC-Sierra, Inc PM73121 Datasheet HTML 43Page - PMC-Sierra, Inc PM73121 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

2.8.3.1
SDF-MF Mode
MACGTSDFMF = [208 + (8 × K)] × L
2.8.3.1.1
For E1 Mode
TCGTSDFMFE1 = MACGTSDFMF × (8000 × N × 33 ÷ 32) ÷ K
If all queues are E1 SDF-MF and the same size, all timeslots are used, and SYS_CLK= 38.88
MHz, then the minimum number of bytes per cell is 20.
2.8.3.1.2
For T1 Mode
TCGT SDFMFT1 = MACGTSDFMF × (8000 × N × 49 ÷ 48) ÷ K
If all queues are T1 SDF_MF the same size, all timeslots are used, and SYS_CLK= 38.88 MHz,
then the minimum number of bytes per cell is 13.
2.8.3.2
SDF-FR Mode
MACGTSDFFR = [202 + (8 × K)] × L
TCGTSDFFR = MACGTSDFFR × (8000 × N) ÷ K
For E1 mode, if all queues are the same size, all timeslots are used, and SYS_CLK= 38.88 MHz,
then the minimum number of bytes per cell is 19.
For T1 mode, if all queues are the same size and all timeslots are used and SYS_CLK= 38.88
MHz, then the minimum number of bytes per cell is 12.
2.8.3.3
UDF-ML Mode
MACGTUDFML = [202 + (4 × K)] × L
TCGTUDFML = MACGTUDFML × (8000 × 32) ÷ K
If all queues are unstructured and all lines are used and SYS_CLK= 38.88 MHz, then the mini-
mum number of bytes per cell is 14.
The sum of TCGTSDFMFE1 + TCGT SDFMFT1 + TCGTSDFFR + TCGTUDFML for all queues +
TCGTOAM must be less than 1 second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com